Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 36Page - ATMEL Corporation ATPL00B Datasheet HTML 37Page - ATMEL Corporation ATPL00B Datasheet HTML 38Page - ATMEL Corporation ATPL00B Datasheet HTML 39Page - ATMEL Corporation ATPL00B Datasheet HTML 40Page - ATMEL Corporation ATPL00B Datasheet HTML 41Page - ATMEL Corporation ATPL00B Datasheet HTML 42Page - ATMEL Corporation ATPL00B Datasheet HTML 43Page - ATMEL Corporation ATPL00B Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
40
4.5.2
Power Saving Modes
ADD8051C3A has two power-saving modes, Idle and Power Down.
In the Idle mode (IDL = 1), the CPU is stopped but the peripheral circuits continue running.
In Power Down (PD = 1), the CPU and the peripheral circuits are stopped, except external interrupts hardware that can
be configured to run when in power down mode.
The Idle and Power Down Modes are activated by setting bits in Special Function Register PCON. If 1s are written to
PD and IDL at the same time, PD takes precedence. When watchdog is enabled power down modes are automatically
disabled.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
PCON
SMOD
--
--
WLE
GF1
GF0
PD
IDL
SMOD: Double baud rate bit when timer 1 is used as time generator and serial port is in
modes 1, 2 or 3
--: Reserved bits
WLE: Watchdog load enable. It must be set by software to enable T3 reload. It is reset by
hardware after 13 machine cycles
GF1: General purpose flag bit, user programmable
GF0: General purpose flag bit, user programmable
PD: Sets power-down mode
IDL: Sets idle mode
4.5.3
Idle Mode
Setting PCON(0), CPU is stopped but peripheral circuits (Interrupts, Timers, Standard Serial Interface and Serial
Peripheral Interface functions) continue running. The CPU status is entirely preserved; Stack Pointer, Program Counter,
Program Status Word, Accumulator, and all other registers maintain their data during Idle. The port pins hold the logical
states they had at the time Idle was activated. PSEN holds at logic high level.
There are two ways to terminate the Idle mode.
Activation of any enabled interrupt will cause PCON(0) to be cleared by hardware, terminating the Idle mode.
The interrupt will be served, and following RETI, the next instruction to be executed will be the one following
the instruction that put the device into Idle.
Reset signal. The signal at the RSTA pin redefines all the SFR values to their reset values and then the IDL bit
is cleared. At this time, and with three clock cycle delay, the CPU restart program execution with program
counter at initial value 0x0000, RAM content remains unchanged.
4.5.4
Power-Down Mode
An instruction that sets PCON(1) causes that to be the last instruction executed before going into the Power Down
mode. In the Power Down mode all functions are stopped, except external interrupts hardware. The contents of the on-
chip RAM and Special Function Registers are maintained. The port pins output the values held by their respective
SFRs. The PSEN output is held low.
There are two ways to exit Power Down mode.
Hardware reset. Hardware reset redefines all the SFRs.
External interrupt. External interrupts must be configured for low level activation.When they are enabled a low
level at their inputs will cause a microcontroller restart and a jump to the corresponding interruption routine. As
in idle mode, the interrupt will be served, and following RETI, the next instruction to be executed will be the
one following the instruction that put the device into power down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com