Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 16Page - ATMEL Corporation ATPL00B Datasheet HTML 17Page - ATMEL Corporation ATPL00B Datasheet HTML 18Page - ATMEL Corporation ATPL00B Datasheet HTML 19Page - ATMEL Corporation ATPL00B Datasheet HTML 20Page - ATMEL Corporation ATPL00B Datasheet HTML 21Page - ATMEL Corporation ATPL00B Datasheet HTML 22Page - ATMEL Corporation ATPL00B Datasheet HTML 23Page - ATMEL Corporation ATPL00B Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
20
XDATA occupies a separate address space from Program Memory. Up to 64kbytes of XDATA can be
addressed in the Data Memory space. The CPU generates the internal “read” and “write” signals, RD and WR,
needed during XDATA Memory accesses.
Additionally to these 128 Kbytes of SRAM, there are 384 bytes of internal data memory (IDATA) in the ADD8051C3A
core. This is explained in more detail in 4.3.3 section.
Figure 4-3.
128KB SRAM, XDATA and Program Memory
The program must be uploaded to the SRAM after power up. The source of program must be a non volatile storage unit
(i.e. serial flash). A specific module (boot loader peripheral) has been designed to control the booting of the system after
power up. The boot loader module can also be used to program the non volatile storage unit (serial flash) using a serial
link. The non volatile storage unit must be connected to P5 port pins used for the SPI0 link (see Table 4-1). The serial
link to the boot loader shares pins with the microcontroller Serial Port 0. For more information see boot loader section in
8
4.3.1
Program Memory
After reset, the CPU begins execution from location 0000H and stack pointer (SP) value is set to 07H.
Interrupt Handling
A fixed location in Program Memory is assigned to each interrupt. The interrupt causes the CPU to jump to that
location, where it begins executing the service routine.
Example: External Interrupt 0, is assigned to location 0003H. If External Interrupt 0 is going to be used, its
service routine must begin at location 0003H. If the interrupt is not going to be used, its service location is
available as general purpose Program Memory.
The interrupt service locations are spaced at 8-byte intervals beginning at 0x0003 (i.e.0x0003 for External
Interrupt0, 0x000B for Timer0, etc.).
If an interrupt service routine is short enough, it can reside entirely within that 8-byte interval. Longer service
routines can use a jump instruction to skip over subsequent interrupt locations, if other interrupts are in use.
Program Memory addresses are always 17 bits wide, even though the actual amount of Program Memory used
may be less than 64kbytes.
XDATA increases downwards
XDATA physical address =
(1FFFF - logical address)
Program Memory
increases upwards
128Kbytes
SRAM
0x00000
XDATA
Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com