Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 35Page - ATMEL Corporation ATPL00B Datasheet HTML 36Page - ATMEL Corporation ATPL00B Datasheet HTML 37Page - ATMEL Corporation ATPL00B Datasheet HTML 38Page - ATMEL Corporation ATPL00B Datasheet HTML 39Page - ATMEL Corporation ATPL00B Datasheet HTML 40Page - ATMEL Corporation ATPL00B Datasheet HTML 41Page - ATMEL Corporation ATPL00B Datasheet HTML 42Page - ATMEL Corporation ATPL00B Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
39
Watchdog reset  /EWDG signal and CONF(1)=CONF.RLT3.
CONF.RLT3 = „0‟ : After a watchdog timeout, microcontroller starts execution from PC=0, but boot
loader is not triggered.
CONF.RLT3 = „1‟ : After a watchdog timeout, if field RLT3 in CONF SFR is „1', boot loader is triggered.
The microcontroller keeps track of the start-up point in the AUX2 register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
AUX2
--
--
--
--
--
ST2
ST1
ST0
--: Reserved bits
ST(2:0): Start-up flags
“000”:Asynchronous external reset
“001”:Software reset by writing AUX1(5)=‟1‟
“010”:Watchdog T3 timeout
“100”:Asynchronous external reset
SFR values after a reset are shown in Table 4-11. The internal RAM is not affected. Port registers are initialized to FFH
to keep port pins in pull-up state.
Table 4-11. SFRs Reset values
SFR
Address
Reset
Value
SFR
Address
Reset
Value
SFR
Address
Reset Value
P0
80H
11111111
SBUF1
9BH
00000000
SPDAT10
D8H
00000000
SP
81H
00000111
P3M
9CH
00000000
SPDAT11
D9H
00000000
DPL
82H
00000000
P4M
9DH
00000000
SPDAT12
DAH
00000000
DPH
83H
00000000
P5M
9EH
00000000
SPDAT13
DBH
00000000
PCON
87H
00000000
P2
A0H
11111111
SPDAT14
DCH
00000000
TCON
88H
00000000
IE2
A1H
xxxxxx00
SPDAT15
DDH
00000000
TMOD
89H
00000000
AUX1
A2H
00000000
SPDAT16
DEH
00000000
TL0
8AH
00000000
AUX2
A3H
xxxxxbbb
SPDAT17
DFH
00000000
TL1
8BH
00000000
IE
A8H
00000000
ACC
E0H
00000000
TH0
8CH
00000000
P3
B0H
11111111
SPSTAT
E1H
000xxxxx
TH1
8DH
00000000
IPH
B7H
00000000
SPCTL
E2H
00000100
TPR
8EH
00111111
IP
B8H
00000000
SPDAT
E3H
00000000
T1NC
8FH
00000000
P4
C0H
11111111
SPSTAT1
E4H
000xx000
P1
90H
11111111
P5
C4H
11111111
SPCTL1
E5H
00000100
IP2HL
91H
xxxx0000
T2CON
C8H
00000000
B
F0H
00000000
SCON2
94H
00000000
T2MOD
C9H
xx001100
CONF
F1H
00000000
SBUF2
95H
00000000
RCAP2L
CAH
00000000
T3
FFH
00000000
T1NP
96H
00000000
RCAP2H
CBH
00000000
SCON
98H
00000000
TL2
CCH
00000000
SBUF
99H
00000000
TH2
CDH
00000000
SCON1
9AH
00000000
PSW
D0H
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com