Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 46 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 42Page - ATMEL Corporation ATPL00B Datasheet HTML 43Page - ATMEL Corporation ATPL00B Datasheet HTML 44Page - ATMEL Corporation ATPL00B Datasheet HTML 45Page - ATMEL Corporation ATPL00B Datasheet HTML 46Page - ATMEL Corporation ATPL00B Datasheet HTML 47Page - ATMEL Corporation ATPL00B Datasheet HTML 48Page - ATMEL Corporation ATPL00B Datasheet HTML 49Page - ATMEL Corporation ATPL00B Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
46
Table 4-13. P3, P4, P5 ports Alternate Functions
Pin
Alternate Function
P3.0
RxD (serial port 0 input)
P3.1
TxD (serial port 0 output)
P3.2
INT0 (external interrupt 0)
P3.3
INT1 (external interrupt 1)
P3.4
T0 (timer 0 external input)
P3.5
T1 (timer 1 external input)
P3.6
WR(external data memory write strobe)
P3.7
RD (external data memory read strobe)
P4.0
RxD (serial port 2 input)
P4.1
TxD (serial port 2 output)
P4.2
SS1 (SPI1 slave select input)
P4.3
SPICLK1 (SPI1 clock input/output)
P4.4
MOSI1 (SPI1 master out / slave in data)
P4.5
MISO1 (SPI1 master in / slave out data
P4.6
T2 (timer 2 input/output)
P4.7
T2EX (timer 2 external input)
P5.0
SS (SPI0 slave select input)
P5.1
SPICLK (SPI0 clock input/output)
P5.2
MOSI (SPI0 master output / slave input data)
P5.3
MISO (SPI0 master input / slave output data)
P5.4
RxD (serial port 1 input)
P5.5
TxD (serial port 1 output)
Note:
To use an Alternate Function the corresponding bit (or bits) in the SFR must contain a 1.
4.7.1
I/O Configurations
Figure 4-13 and Figure 4-14 show a functional diagram of bit register and I/O buffer in each of the four ports. The level
of the port pin is placed on the internal bus and instructions can read the port pin value or the SFR register value.
If a bit in a register with AOF (Alternate Output Function) contains a 1, then the output level is controlled by the signal
labeled “Alternate Output function”.
Figure 4-13. Pins with AOF structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com