Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 31Page - ATMEL Corporation ATPL00B Datasheet HTML 32Page - ATMEL Corporation ATPL00B Datasheet HTML 33Page - ATMEL Corporation ATPL00B Datasheet HTML 34Page - ATMEL Corporation ATPL00B Datasheet HTML 35Page - ATMEL Corporation ATPL00B Datasheet HTML 36Page - ATMEL Corporation ATPL00B Datasheet HTML 37Page - ATMEL Corporation ATPL00B Datasheet HTML 38Page - ATMEL Corporation ATPL00B Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
35
Table 4-8.
Boolean Instructions
MNEMONIC
OPERATION
EXECUTION TIME (mc)
ANL C,bit
C = C.AND.bit
1
ANL C,/bit
C = C.AND..NOT.bit
1
ORL C,bit
C = C.OR.bit
1
ORL C,/bit
C = C.OR..NOT.bit
1
MOV C,bit
C = bit
1
MOV bit,C
bit = C
1
CLR C
C = 0
1
CLR bit
bit = 0
1
SETB C
C = 1
1
SETB bit
bit = 1
1
CPL C
C = .NOT.C
1
CPL bit
bit = .NOT.bit
1
JC rel
Jump if C = 1
2
JNC rel
Jump if C = 0
2
JB bit,rel
Jump if bit = 1
2
JNB bit,rel
Jump if bit = 0
2
JBC bit,rel
Jump if bit = 1; CLR bit
2
Relative Offset
The destination address for these jumps is specified to the assembler by a label or by an actual address in Program
memory. However, the destination address assembles to a relative offset byte. This is a signed (two‟s complement)
offset byte which is added to the PC in two‟s complement arithmetic if the jump is executed. The range of the jump is
therefore
–128 to +127 Program Memory bytes relative to the first byte following the instruction.
4.4.7
Jump Instructions
Table 4-9
shows the list of unconditional jumps and the execution time associated.
The table lists SJMP, LJMP, and AJMP, which differ in the format of the destination address. JMP is a generic
mnemonic which can be used if the programmer does not care which way the jump is encoded.
The SJMP instruction encodes the destination address as a relative offset, as described above. The instruction is 2
bytes long, consisting of the opcode and the relative offset byte. The jump distance is limited to a range of
–128 to +127
bytes relative to the instruction following the SJMP.
The LJMP instruction encodes the destination address as a 16-bit constant. The instruction is 3 bytes long, consisting of
the opcode and two address bytes. The destination address can be anywhere in the 64k Program Memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com