Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 92 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 88Page - ATMEL Corporation ATPL00B Datasheet HTML 89Page - ATMEL Corporation ATPL00B Datasheet HTML 90Page - ATMEL Corporation ATPL00B Datasheet HTML 91Page - ATMEL Corporation ATPL00B Datasheet HTML 92Page - ATMEL Corporation ATPL00B Datasheet HTML 93Page - ATMEL Corporation ATPL00B Datasheet HTML 94Page - ATMEL Corporation ATPL00B Datasheet HTML 95Page - ATMEL Corporation ATPL00B Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
92
10.
Media Access Layer
In power line communication (PLC) systems, medium access control (MAC) tasks require a high percent of the CPU
available computational time. To reduce the computational load of the integrated MCU (8051C3A Core) the ATPL00B
accelerates the execution of critical tasks by means of additional specific hardware units such as ADD1210 hardwired
MAC unit
MAC functional capabilities involve the construction of message packets and the management of correction and error
detection mechanisms.
The ATPL00B MAC is compatible with EHS and KONNEX. Moreover, its design is very versatile and allows the
construction of a wide range of datagram structures with the only constrain of hardware correction and detection codes.
10.1
Packet Encapsulation
Depending on enabled error correction and detection mechanisms, MAC can encapsulate packets following different
configurations:
Figure 10-1. Packet Encapsulation diagram
A standard packet encapsulation has the following structure
Figure 10-2. Datagram structure
2 byte
2 byte
variable
2 bit
PREAMBLE
HEADER
PAYLOAD
POSTAMBLE
Preamble: two bytes long, containing 0xAAAA for bit synchronization. The preamble size is configurable by a
field in CTRL register 10.3.1
Header: two bytes long. It defines the type of datagram. ATPL00B supports FEC (Forward Error Correction)
shielded and unshielded headers. In shielded headers, each byte of the header field is protected by a FEC
field as shown below:
Unshielded header:
8-bit
8-bit
Header MSB
Header LSB
Shielded header:
8-bit
6-bit
8-bit
6-bit
Header MSB
FEC
Header LSB
FEC
PREAMBLE
HEADER
PAYLOAD
POST
DATA1 DATA2
DATAN
FCSh
FCSi
DATA1
FEC1
DATAN
FECN
FCSh
FECh
FCSi
FCSi
VITERBI (DATA 1, DATA 2,
… DATA N, FCSh, FCSi)
HEADER H
HEADER L
HEADER H
HEADER L
FEC
FEC
2 Bytes
2 bits
6 bits
8bits
2 Bytes
8bits
8bits
8bits
6 bits
8bits
8bits
8bits
8bits
8bits
8bits
8bits
8bits
8bits
6 bits
6 bits
6 bits
6 bits
variable
16 x (N + 2) bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com