Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 17Page - ATMEL Corporation ATPL00B Datasheet HTML 18Page - ATMEL Corporation ATPL00B Datasheet HTML 19Page - ATMEL Corporation ATPL00B Datasheet HTML 20Page - ATMEL Corporation ATPL00B Datasheet HTML 21Page - ATMEL Corporation ATPL00B Datasheet HTML 22Page - ATMEL Corporation ATPL00B Datasheet HTML 23Page - ATMEL Corporation ATPL00B Datasheet HTML 24Page - ATMEL Corporation ATPL00B Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
21
P0 and P2 ports are no longer used to access external memories, but Special Function Registers (SFR) P0 and P2
are still functional.
P2 register is used to generate the high order address byte when executing MOVX A,@Ri or MOVX
@Ri,A.
P0 register is the program address control register and it is used to specify the size of extended program
pages and to control bank switching.
4.3.2
Extended Addressing
ATPL00B combines program code and data in a single 128KB SRAM.
ADDRESS to access program is generated as a function of P0(7:6), P0(5:0) and PC(15:0).
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
P0
SX1
SX0
P05
P04
P03
P02
P01
P00
SX(1:0): Size of extended program pages and common program space
SX(1:0)
Extended
Common
“11”
“10”
“01”
“00”
0KB
8KB
16KB
32KB
64KB
56KB
48KB
32KB
P0(5:0): Extended program page number
Allowing different configurations as the one shown in Figure 4-4
Figure 4-4.
SRAM Extended Addressing. 48KB common memory + 3x16KB extended program pages
XDATA
PROGRAM
MEMORY
PAGE 0
PAGE 1
0x000000
0x00BFFF
0x00C000
0x00FFFF
0x010000
0x01FFFF
0x0000
0x7FFF
xdata
logical
address
PAGE 2
0x013FFF
0x014000
128KBytes
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com