Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 9Page - ATMEL Corporation ATPL00B Datasheet HTML 10Page - ATMEL Corporation ATPL00B Datasheet HTML 11Page - ATMEL Corporation ATPL00B Datasheet HTML 12Page - ATMEL Corporation ATPL00B Datasheet HTML 13Page - ATMEL Corporation ATPL00B Datasheet HTML 14Page - ATMEL Corporation ATPL00B Datasheet HTML 15Page - ATMEL Corporation ATPL00B Datasheet HTML 16Page - ATMEL Corporation ATPL00B Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
13
Table 3-1.
Pin Description List (Continued)
Pin Number
Pin Name
Type
Comments
45
EMIT.0
Output
Tx/Rx control output pin
This output pin is used by the system to adapt the
external Analog-Front-end either in transmission or in
reception, thus improving the electrical behavior
46, 47, 50, 51,
52, 53, 56, 57,
58, 59, 62, 63
EMIT(1:12)
Output
PLC transmission ports
(3)
66
P3.1/TxD0
I/O
Microcontroller port 3.1 / Standard Serial Port 0 Tx
When configured as P3.1, this pin is a pseudo-
bidirectional microcontroller I/O port
When configured as TxD0, this pin is the digital output
of the asynchronous standard serial port 0
Internal configuration: 33kΩ typ. pull-up resistor
67
P3.0/RxD0
I/O
Microcontroller port 3.0 / Standard Serial Port 0 Rx
When configured as P3.0, this pin is a pseudo-
bidirectional microcontroller I/O port
When configured as RxD0, this pin is the digital input of
the asynchronous standard serial port 0
Internal
configuration: 33kΩ typ. pull-up resistor
68
P4.5/MISO1/INTB3
I/O
Microcontroller port 4.5 / SPI1 Master In Slave Out / Dimmer switch 3
When configured as P4.5, this pin is a pseudo-
bidirectional microcontroller I/O port
When configured as MISO1, this pin is the SPI1 Master
In Slave Out
When configured as INTB3, this pin is the input to
dimmer peripheral signal INTERR(3)
Internal
configuration: 33kΩ typ. pull-up resistor
69
P4.4/MOSI1/INTB2
I/O
Microcontroller port 4.4 / SPI1 Master Out Slave In / Dimmer switch 2
When configured as P4.2, this pin is a pseudo-
bidirectional microcontroller I/O port
When configured as MOSI1, this pin is the SPI1 Master
Out Slave In
When configured as INTB2, this pin is the input to
dimmer peripheral signal INTERR(2)
Internal
configuration: 33kΩ typ. pull-up resistor
70
P4.3/SPICLK1/INTB1
I/O
Microcontroller port 4.3 / SPI1 Clock / Dimmer switch1
When configured as P4.3, this pin is a pseudo-
bidirectional microcontroller I/O port
When configured as SPICLK1, this pin is the SPI1 clock
signal
When configured as INTB1, this pin is the input to
dimmer peripheral signal INTERR(1)
Internal configuratio
n: 33kΩ typ. pull-up resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com