Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 97 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 93Page - ATMEL Corporation ATPL00B Datasheet HTML 94Page - ATMEL Corporation ATPL00B Datasheet HTML 95Page - ATMEL Corporation ATPL00B Datasheet HTML 96Page - ATMEL Corporation ATPL00B Datasheet HTML 97Page - ATMEL Corporation ATPL00B Datasheet HTML 98Page - ATMEL Corporation ATPL00B Datasheet HTML 99Page - ATMEL Corporation ATPL00B Datasheet HTML 100Page - ATMEL Corporation ATPL00B Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
97
10.3.2 FLAGS1 register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
FLAGS1
BYP
--
--
ZER0_A
NMDR
RxFEC
RX
TX
Name:
FLAGS1
Address:
0xFE01
Reset:
“00010000”
This register holds a mode operation bit, some special purpose bits and the RX and TX flags to control the transmission
and reception processes. The MCU has full access to this register.
--:
Reserved bit
BYP:
Bypass mode
When this mode is enabled, the MAC logic is disabled and the MCU takes full control of the
PLC modem
„0‟: Bypass mode disabled
„1‟: Bypass mode enabled
ZER0_A:
Errors allowed in preamble
This field selects whether erroneous bits are allowed in preamble reception or not
„0‟: No errors are allowed in preamble reception. A(1:0) field (see CTRL register in 10.3.1)
sets the number of
0xA‟s expected to be received. If there is any erroneous bit in this
preamble reception, the frame will be discarded.
„1‟: Errors are allowed in preamble reception. The frame will be discarded only if the
erroneous bits received in preamble exceed a threshold (see TH_PREAM register in
10.3.5).
NMDR:
No more data required
This bit should be set by the MCU after the last byte of the payload is being sent or received
through the DATA register. In FCS mode it would mean that the next field to be processed by
the MAC is the FCS field.
Setting the NMDR bit is only required in the following situations:
a) Message transmissions with TX interrupt enabled.
b) Message receptions in FCS mode with Viterbi algorithm disabled.
„0‟: NMDR deasserted
„1‟: NMDR asserted
RxFEC:
Receive FEC fields
If this bit is set, FEC fields are also delivered by the MAC to the MCU by means of DATA
register. If this bit is clear, the MAC delivers to the MCU only the data bytes. See DATA
register section and “Operation Modes” chapter for more information about how the FEC bits
are made accessible to the MCU.
„0‟: Only data bytes are read by the MCU
‟1‟: Both data and FEC are read by the MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com