Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 2Page - Linear Technology LTC3113 Datasheet HTML 3Page - Linear Technology LTC3113 Datasheet HTML 4Page - Linear Technology LTC3113 Datasheet HTML 5Page - Linear Technology LTC3113 Datasheet HTML 6Page - Linear Technology LTC3113 Datasheet HTML 7Page - Linear Technology LTC3113 Datasheet HTML 8Page - Linear Technology LTC3113 Datasheet HTML 9Page - Linear Technology LTC3113 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3113
6
3113f
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C, VIN = 3.3V, VOUT = 3.8V unless otherwise specified)
Minimum Start-Up Voltage
vs Temperature
Oscillator Frequency vs RT
TEMPERATURE (°C)
–45
1.685
1.687
1.691
1.693
1.695
1.705
1.699
–5
35
55
3113 G19
1.689
1.701
1.703
1.697
–25
15
75
95 115
RT (kΩ)
050
0
1.0
2.5
100
200
250
3113 G20
0.5
2.0
1.5
150
300
350
OSCILLATOR FREQUENCY (MHz)
0.25
–6
–5
–3
–2
–1
0.65
1.05 1.25
3113 G21
–4
0.45
1.45 1.65 1.85
0
0.85
VOUT PULLED UP TO 5.5V
L = 2.2μH
Negative Inductor Current
vs Oscillator Frequency
Junction Temperature Rise
vs Continuous Load Current for
VOUT = 1.8V
LOAD CURRENT (A)
0
0
10
20
30
40
60
0.5
1
1.5
2
2.5
3
3.5
3113 G22
4
4.5
50
VIN = 1.8V
VIN = 2.4V
VIN = 3.3V
VIN = 5.5V
Junction Temperature Rise
vs Continuous Load Current for
VOUT = 3.3V
LOAD CURRENT (A)
0
0
10
20
30
40
60
0.5
1
1.5
2
3113 G23
2.5
3
3.5
4
4.5
50
VIN = 1.8V
VIN = 2.4V
VIN = 3.3V
VIN = 5.5V
Junction Temperature Rise
vs Continuous Load Current for
VOUT = 3.8V
LOAD CURRENT (A)
0
0
10
20
30
40
60
0.5
1
1.5
2
2.5
3
3.5
3113 G24
4
4.5
50
VIN = 1.8V
VIN = 2.4V
VIN = 3.3V
VIN = 5.5V
Junction Temperature Rise
vs Continuous Load Current for
VOUT = 5.5V
LOAD CURRENT (A)
0
0
10
20
30
40
60
0.5
1
1.5
2
3113 G25
2.5
3
3.5
50
VIN = 1.8V
VIN = 2.4V
VIN = 3.3V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com