Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 6Page - Linear Technology LTC3113 Datasheet HTML 7Page - Linear Technology LTC3113 Datasheet HTML 8Page - Linear Technology LTC3113 Datasheet HTML 9Page - Linear Technology LTC3113 Datasheet HTML 10Page - Linear Technology LTC3113 Datasheet HTML 11Page - Linear Technology LTC3113 Datasheet HTML 12Page - Linear Technology LTC3113 Datasheet HTML 13Page - Linear Technology LTC3113 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC3113
10
3113f
OPERATION
Internal Soft-Start
The LTC3113 buck-boost converter has an independent
internal soft-start circuit with a nominal duration of 2ms.
The converter remains in regulation during soft-start and
will therefore respond to output load transients which occur
during this time. In addition, the output voltage rise time
has minimal dependency on the size of the output capaci-
tor or load current during start-up. During soft-start, the
buck-boost is forced into PWM mode operation regardless
of the state of the BURST pin.
Thermal Shutdown
If the die temperature exceeds 155°C the LTC3113 buck-
boost converter will be disabled. All power devices are
turned off and the switch nodes will be forced into a high
impedance state. The soft-start circuit for the converter
is reset during thermal shutdown to provide a smooth
recovery once the overtemperature condition is eliminated.
When the die temperature drops to approximately 145°C
the LTC3113 will restart. For recommendations regarding
thermal design of the LTC3113 PCB, refer to the PCB Ther-
mal Considerations section in Applications Information.
Undervoltage Lockout
If the supply voltage decreases below 1.6V (typical) then
the LTC3113 buck-boost converter will be disabled and
all power devices are turned off. The soft-start circuit is
reset during undervoltage lockout to provide a smooth
restart once the input voltage rises above 1.7V (typical)
the undervoltage lockout increasing threshold.
When operating the LTC3113 at low input voltages, care
must be taken under heavy loads to prevent the part from
cycling into and out of UVLO. When operating at low input
voltages the voltage drop created by the source resistance
can trigger the UVLO, resetting the part. Operation near the
undervoltage lockout is not recommended, but if require-
ments dictate, the source resistance should be less than
100mV/IIN(MAX) (where IIN(MAX) is the maximum input
current) to ensure proper operation.
Inductor Damping
When the LTC3113 is in burst operation and sleep mode,
active circuits “damp” the inductor voltage through 165Ω
(typical) impedance from both SW1 and SW2 to ground
minimizing EMI.
PWM Mode Operation
When the BURST pin is held low, the LTC3113 buck-
boost converter operates in a fixed-frequency pulse width
modulation (PWM) mode using voltage mode control. Full
output current is only available in PWM mode. A proprietary
switching algorithm allows the converter to transition
between buck, buck-boost, and boost modes without
discontinuity in inductor current. The switch topology for
the buck-boost converter is shown in Figure 1.
Figure 1. Buck-Boost Switch Topology
A
B
D
C
3113 F01
L
VIN
VOUT
When the input voltage is significantly greater than the
output voltage, the buck-boost converter operates in
buck mode. Switch D turns on continuously and switch
C remains off. Switches A and B are pulse width modu-
lated to produce the required duty cycle to support the
output regulation voltage. As the input voltage decreases,
switch A remains on for a larger portion of the switching
cycle. When the duty cycle reaches approximately 85%,
the switch pair AC begins turning on for a small fraction
of the switching period. As the input voltage decreases
further, the AC switch pair remains on for longer durations
and the duration of the BD phase decreases proportionally.
As the input voltage drops below the output voltage, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com