Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 4Page - Linear Technology LTC3113 Datasheet HTML 5Page - Linear Technology LTC3113 Datasheet HTML 6Page - Linear Technology LTC3113 Datasheet HTML 7Page - Linear Technology LTC3113 Datasheet HTML 8Page - Linear Technology LTC3113 Datasheet HTML 9Page - Linear Technology LTC3113 Datasheet HTML 10Page - Linear Technology LTC3113 Datasheet HTML 11Page - Linear Technology LTC3113 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC3113
8
3113f
DETAILED BLOCK DIAGRAM
+
1.6V
SLEEP
UVLO
+
+
+
+
+
11.1A
VIN
SWA
VIN
1.8V TO 5.5V
SWD
SWC
REVERSE
CURRENT
LIMIT
SWB
SW1
SW2
2.2μH
PEAK
CURRENT
LIMIT
PWM
COMPARATORS
ERROR
AMP
7.8A
–1.0A
INPUT
CURRENT
LIMIT
SOFT-START
0.6V
FB
VOUT
VC
RZ
49.9k
CP1
680pF
CP2
12pF
1 = ON
0 = OFF
PWM
LOGIC
AND
OUTPUT
PHASING
Burst Mode
CONTROL
RUN LOGIC
GATE
DRIVERS
AND
ANTICROSS
CONDUCTION
OSC
RUN
RUN
SGND
RT
RT
90.9k
1 = BURST
0 = PWM
BURST
+
+
R1
158k
3113 BD
R2
845k
RZ2
6.49k
CZ1
47pF
CL
100μF
+
10
9
11
6
PGND
17
7
8
3
13
12
14
15
16
1
2
4
5
(DFN Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com