Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 3Page - Linear Technology LTC3113 Datasheet HTML 4Page - Linear Technology LTC3113 Datasheet HTML 5Page - Linear Technology LTC3113 Datasheet HTML 6Page - Linear Technology LTC3113 Datasheet HTML 7Page - Linear Technology LTC3113 Datasheet HTML 8Page - Linear Technology LTC3113 Datasheet HTML 9Page - Linear Technology LTC3113 Datasheet HTML 10Page - Linear Technology LTC3113 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC3113
7
3113f
PIN FUNCTIONS
VOUT (Pins 1, 2/Pins 2, 3): Buck-Boost Output Voltage. A
low ESR capacitor should be placed from VOUT to PGND.
The capacitor should be placed as close to the IC as pos-
sible and have a short return path to ground.
VIN (Pins 3, 4, 5/Pins 4, 5, 6): Power Input for the
Converter. A 47μF or larger bypass capacitor should be
connected between VIN and PGND. The bypass capacitor
should located as close to VIN and PGND as possible and
should via directly to the ground plane.
SGND (Pin 6/Pin 7): Signal Ground. Terminate the fre-
quency setting resistor and output voltage divider to SGND.
BURST (Pin 7/Pin 8): Pulse Width Modulation/Burst Mode
Selection Input. Forcing this pin low causes the switching
converter to operate in low noise fixed frequency PWM
mode. Forcing this pin high enables constant Burst Mode
operation for the converter. During Burst Mode operation,
the converter can only support a reduced maximum load
current.
RT (Pin 8/Pin 9): Programs the Frequency of the Internal
Oscillator. Connect a resistor from RT to ground (SGND).
The RT resistor value for a given frequency is given by the
following equation.
R
T
90
fMHz
()
k
Ω
()
VC (Pin 9/Pin 12): Error Amp Output. An R-C network is
connected from this pin to FB for loop compensation. Refer
to the Closing the Feedback Loop section for component
selection guidelines.
FB (Pin 10/Pin 13): Feedback Voltage for the Buck-Boost
Converter Derived from a Resistor Divider on the Buck-
Boost Output Voltage. The buck-boost output voltage is
given by the following equation:
V
OUT = 0.600 1+
R2
R1
⎝⎜
⎠⎟
V
()
where R1 is a resistor connected between FB and SGND,
and R2 is a resistor connected between FB and VOUT. The
buck-boost output voltage can be adjusted from 1.8V to
5.5V.
RUN (Pin 11/Pin 14): Active High Converter Enable In-
put. Applying a voltage <0.3V to this pin shuts down the
LTC3113. Applying a voltage >1.2V to this pin enables
the LTC3113.
SW1 (Pins 12, 13, 14/Pins 15, 16, 17): Switch Pin Where
Internal Switches A and B are Connected. Connect the
inductor from SW1 to SW2. Minimize trace length to
reduce EMI.
SW2 (Pins 15, 16/Pins 18, 19): Switch Pin Where Internal
Switches C and D are Connected. Connect the inductor
from SW1 to SW2. Minimize trace length to reduce EMI.
PGND (Exposed Pad Pin 17/Pins 1, 10, 11, 20, Exposed
Pad Pin 21): The exposed pad must be soldered to the
PCB and electrically connected to ground through the
shortest and lowest impedance connection possible.
In most applications the bulk of the heat flow out of the
LTC3113 is through this pad, so printed circuit board
design has an impact on the thermal performance of the
part. See the PCB Layout and Thermal Considerations
section for more details.
(DFN/TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com