Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 16Page - Linear Technology LTC3113 Datasheet HTML 17Page - Linear Technology LTC3113 Datasheet HTML 18Page - Linear Technology LTC3113 Datasheet HTML 19Page - Linear Technology LTC3113 Datasheet HTML 20Page - Linear Technology LTC3113 Datasheet HTML 21Page - Linear Technology LTC3113 Datasheet HTML 22Page - Linear Technology LTC3113 Datasheet HTML 23Page - Linear Technology LTC3113 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC3113
20
3113f
TYPICAL APPLICATIONS
3.3V to 5V/2.5A Boost Converter with Output Disconnect
Efficiency vs Load Current
SW1
VIN
VOUT
LTC3113
2.2μH
RUN
47μF
100μF
5V
VIN
3.3V
±10%
BURST
OFF ON
PWM BURST
FB
VC
49.9k
887k
680pF
12pF
90.9k
RT
SW2
SGND
PGND
121k
3113 TA04a
6.49k
47pF
LOAD CURRENT (A)
60
70
80
90
100
0.001
0.1
1
10
3113 TA04b
50
0.01
Burst Mode
OPERATION
PWM MODE
Power Loss vs Load Current
Burst Mode
OPERATION
LOAD CURRENT (A)
0.01
0.1
1
10
0.001
0.1
1
10
3113 TA04c
0.001
0.01
PWM MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com