Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 15Page - Linear Technology LTC3113 Datasheet HTML 16Page - Linear Technology LTC3113 Datasheet HTML 17Page - Linear Technology LTC3113 Datasheet HTML 18Page - Linear Technology LTC3113 Datasheet HTML 19Page - Linear Technology LTC3113 Datasheet HTML 20Page - Linear Technology LTC3113 Datasheet HTML 21Page - Linear Technology LTC3113 Datasheet HTML 22Page - Linear Technology LTC3113 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC3113
19
3113f
TYPICAL APPLICATIONS
Typical Output Response with 1.5A Load
SW1
VIN
VOUT
LTC3113
2.2μH
RUN
30F
0.1μF
30F
100μF
VOUT
3.3V
VIN
1.8V TO 4.5V
BURST
OFF ON
PWM BURST
FB
VC
49.9k
825k
680pF
12pF
90.9k
RT
SW2
SGND
PGND
182k
3113 TA03a
6.49k
47pF
Supercap Powered Backup Supply
VOUT
2V/DIV
VIN
2V/DIV
RUN
2V/DIV
5 SEC/DIV
3113 TA03b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com