Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 9Page - Linear Technology LTC3113 Datasheet HTML 10Page - Linear Technology LTC3113 Datasheet HTML 11Page - Linear Technology LTC3113 Datasheet HTML 12Page - Linear Technology LTC3113 Datasheet HTML 13Page - Linear Technology LTC3113 Datasheet HTML 14Page - Linear Technology LTC3113 Datasheet HTML 15Page - Linear Technology LTC3113 Datasheet HTML 16Page - Linear Technology LTC3113 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3113
13
3113f
APPLICATIONS INFORMATION
The choice of inductor style depends upon the price, sizing,
and EMI requirements of a particular application. Table 1
provides a small sampling of inductors that are well suited
to many LTC3113 buck-boost converter applications. All
inductor specifications are listed at an inductance value
of 2.2μH for comparison purposes but other values within
these inductor families are generally well suited to this
application. Within each family (i.e. at a fixed size), the DC
resistance generally increases and the maximum current
generally decreases with increased inductance.
Table 1. Representative Buck-Boost Surface Mount Inductors
PART
NUMBER
VALUE
(μH)
DCR
(mΩ)
MAX DC
CURRENT (A)
SIZE (mm)
W
× L × H
CoilCraft (www.coilcraft.com)
MSS1048
2.2
7.2
8.4
10
× 10.3 × 4
MSS1260
2.2
12
13.9
12.3
× 12.3 × 6
SER1052
2.2
4
10
10.6
× 10.6 × 5.2
Toko (www.toko.com)
D106C
2.4
7.7
10
10.3
× 10.3 × 6.7
FDA1055
2.2
4.8
10.5
11.6
× 10.8 × 5.5
FDA1254
2.2
4.5
14.7
13.5
× 12.6 × 5.4
Cooper (www.cooperbussmann.com)
HCP0703
2.2
18
14
7
× 7.3 × 3
HCP0704
2.3
16.5
11.5
6.8
× 6.8 × 4.2
HC8
2.6
11.4
10
10.9
× 10.4 × 4
TDK (www.component.tdk.com)
VLF100040
2.2
7.9
8.2
9.7
× 10 × 4
RLF12560
2.7
4.5
12
13
× 13 × 6
VLF12060
2.7
6.4
10
11.7
× 12 × 6
Wurth (www.we-online.com)
744066
2.2
10.5
6.8
10
× 10 × 3.8
744355
2
8
13
13.2
× 12.8 × 6.2
744324
2.4
4.8
17
10.5
× 10.2 × 4.7
OUTPUT CAPACITOR SELECTION
A low ESR output capacitor should be utilized at the buck-
boost converter output in order to minimize output voltage
ripple. Multilayer ceramic capacitors are an excellent choice
as they have low ESR and are available in small footprints.
The capacitor should be chosen large enough to reduce the
output voltage ripple to acceptable levels. Neglecting the
capacitor ESR and ESL, the peak-to-peak output voltage
ripple can be calculated by the following formulas, where
f is the frequency in MHz, COUT is the capacitance in μF, L
is the inductance in μH, VIN is the input voltage in volts,
VOUT is the output voltage in volts. ∆VP-P is the output
ripple in volts and ILOAD is the output current in amps.
C
OUT
1
ΔV
P-P,BUCK •8 •L• f
2
V
IN –VOUT
()•V
OUT
V
IN
µF
()
C
OUT
I
LOAD VOUT –VIN
()
ΔV
P-P,BOOST •VOUT •f
µF
()
Given that the output current is discontinuous in boost
mode, the ripple in this mode will generally be much larger
than the magnitude of the ripple in buck mode.
INPUT CAPACITOR SELECTION
It is recommended that a low ESR ceramic capacitor with a
value of at least 47μF be located as close to VIN as possible.
In addition, the return trace from the pin to the ground
plane should be made as short as possible. It is important
to minimize any stray resistance from the converter to the
battery or other power sources. If cabling is required to
connect the LTC3113 to the battery or power supply, a higher
ESR capacitor or a series resistor with low ESR capacitor
in parallel with the low ESR capacitor may be needed to
damp out ringing caused by the cable inductance.
CAPACITOR VENDOR INFORMATION
Both the input bypass capacitors and output capacitors
used with the LTC3113 must be low ESR and designed
to handle the large AC currents generated by switching
converters. This is important to maintain proper functioning
of the IC and to reduce output ripple. Many modern low
voltage ceramic capacitors experience significant loss in
capacitance from their rated value with increased DC bias
voltages. For example, it is not uncommon for a small
surface mount ceramic capacitor to lose 50% or more
of its rated capacitance when operated near its rated
voltage. As a result, it is sometimes necessary to use
a larger value capacitance or a capacitor with a higher
voltage rating than required in order to actually realize
the intended capacitance at the full operating voltage. For
details, consult the capacitor vendor’s curve of capacitance
versus DC bias voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com