Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 5 Page - Linear Technology

  LTC3113 Datasheet HTML 1Page - Linear Technology LTC3113 Datasheet HTML 2Page - Linear Technology LTC3113 Datasheet HTML 3Page - Linear Technology LTC3113 Datasheet HTML 4Page - Linear Technology LTC3113 Datasheet HTML 5Page - Linear Technology LTC3113 Datasheet HTML 6Page - Linear Technology LTC3113 Datasheet HTML 7Page - Linear Technology LTC3113 Datasheet HTML 8Page - Linear Technology LTC3113 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC3113
5
3113f
Maximum Load Current in Burst
Mode Operation vs VIN (Burst
Mode Peak Current Limit 0.9A)
Output Voltage Regulation
vs Load Current
Load Step, 0A to 3A
Output Voltage Ripple in Burst
Mode Operation
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C, VIN = 3.3V, VOUT = 3.8V unless otherwise specified)
Output Voltage Ripple in
PWM Mode
Burst to PWM Mode Transient
Soft-Start
VIN (V)
1.5
200
250
4.5
3113 G10
150
100
2.5
3.5
2.0
5.0
3.0
4.0
5.5
50
0
300
LOAD CURRENT (A)
–0.8
–0.6
–0.4
0
–0.2
0.0001
0.01
0.1
10
3113 G11
–1.0
0.001
1
PWM MODE
Burst Mode
OPERATION
ILOAD
2A/DIV
VOUT
200mV/DIV
100μs/DIV
BACK PAGE TYPICAL APPLICATION
3113 G12
INDUCTOR
CURRENT
1A/DIV
VOUT
20mV/DIV
20μs/DIV
ILOAD = 50mA
FRONT PAGE TYPICAL APPLICATION
3113 G14
VOUT
20mV/DIV
VOUT
20mV/DIV
VOUT
20mV/DIV
1μs/DIV
ILOAD = 1A
3113 G14
VIN = 3.3V
VIN = 4V
VIN = 4.55V
VOUT
50mV/DIV
BURST
2V/DIV
500μs/DIV
ILOAD = 50mA
3113 G15
FRONT PAGE TYPICAL APPLICATION
VOUT
2V/DIV
RUN
5V/DIV
500μs/DIV
VIN = 3.3V
VOUT = 3.8V
COUT = 100μF
3113 G16
Normalized Input Current Limit
vs Temperature (7.8A Typical)
Normalized Peak Current Limit
vs Temperature (11.1A Typical)
TEMPERATURE (°C)
0.90
1.00
1.10
0.95
1.05
–25
15
55
95
3113 G17
115
–45
–5
35
75
TEMPERATURE (°C)
–45
1.05
3113 G18
0.95
0.90
–5
35
75
95
–25
15
55
115
1.10
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com