Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 14Page - Linear Technology LTC3113 Datasheet HTML 15Page - Linear Technology LTC3113 Datasheet HTML 16Page - Linear Technology LTC3113 Datasheet HTML 17Page - Linear Technology LTC3113 Datasheet HTML 18Page - Linear Technology LTC3113 Datasheet HTML 19Page - Linear Technology LTC3113 Datasheet HTML 20Page - Linear Technology LTC3113 Datasheet HTML 21Page - Linear Technology LTC3113 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC3113
18
3113f
TYPICAL APPLICATIONS
Li-Ion to 3.3V/3A
SW1
VIN
VOUT
LTC3113
2.2μH
RUN
47μF
100μF
VOUT
3.3V
3A
VIN
2.5V TO 4.2V
Li-Ion
BURST
OFF ON
PWM BURST
FB
VC
49.9k
825k
680pF
12pF
90.9k
RT
SW2
SGND
PGND
182k
3113 TA02a
6.49k
47pF
Efficiency Li-Ion (3V, 3.7V, 4.2V) to 3.3V
LOAD CURRENT (A)
70
80
90
100
0.001
0.1
1
10
3113 TA02b
60
0.01
VIN = 3V
VIN = 3.7V
VIN = 4.2V
VIN = 3V BURST
VIN = 3.7V BURST
VIN = 4.2V BURST
Power Loss Li-Ion (3V, 3.7V, 4.2V) to 3.3V
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
0.001
0.1
1
10
3113 TA02c
0.0001
0.01
VIN = 3V
VIN = 3.7V
VIN = 4.2V
PWM MODE
Burst Mode
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com