Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 1 Page - Linear Technology

  LTC3113 Datasheet HTML 1Page - Linear Technology LTC3113 Datasheet HTML 2Page - Linear Technology LTC3113 Datasheet HTML 3Page - Linear Technology LTC3113 Datasheet HTML 4Page - Linear Technology LTC3113 Datasheet HTML 5Page - Linear Technology LTC3113 Datasheet HTML 6Page - Linear Technology LTC3113 Datasheet HTML 7Page - Linear Technology LTC3113 Datasheet HTML 8Page - Linear Technology LTC3113 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3113
1
3113f
TYPICAL APPLICATION
DESCRIPTION
3A Low Noise Buck-Boost
DC/DC Converter
The LTC
®3113 is a wide VIN range, highly efficient, fixed
frequency, buck-boost DC/DC converter that operates
from input voltages above, below or equal to the output
voltage. The topology incorporated in the IC provides low
noise operation, making it well suited for RF and precision
measurement applications.
The LTC3113 can deliver up to 3A of continuous output
current to satisfy the most demanding applications.
Higher output current is possible in stepdown (buck)
mode. Integrated low RDS(ON) power MOSFETs and a
programmable switching frequency up to 2MHz result
in a compact solution footprint. Selectable Burst Mode
operation improves efficiency at light loads.
Other features include <1μA shutdown current, integrated
soft-start, short-circuit protection, current limit and ther-
mal overload protection. The LTC3113 is housed in the
thermally enhanced 16-lead (4mm
× 5mm × 0.75mm)
DFN and 20-lead TSSOP packages.
FEATURES
APPLICATIONS
n Regulated Output with Input Voltage Above, Below
or Equal to the Output Voltage
n 1.8V to 5.5V Input and Output Voltage Range
n 3A Continuous Output Current VIN > 3.0V, VOUT = 3.8V
n 1.5A Continuous Output Current for VIN ≥ 1.8V,
VOUT = 3.3V
n Single Inductor
n Low Noise Buck-Boost Architecture
n Up to 96% Efficiency
n Programmable Frequency from 300kHz to 2MHz
n Selectable Burst Mode
® Operation
n Output Disconnect in Shutdown
n Shutdown Current: <1μA
n Internal Soft-Start
n Small, Thermally Enhanced 16-Lead
(4mm
× 5mm × 0.75mm) DFN Package
and 20-Lead TSSOP Package
n Wireless Modems
n Backup Power Systems
n Portable Inventory Terminals
n Portable Barcode Readers
n Portable Instrumentation
Efficiency vs Input Voltage
SW1
VIN
VOUT
LTC3113
2.2μH
RUN
47μF
100μF
VOUT
3.8V
3A
VIN
3V TO 4.2V
BURST
OFF ON
PWM BURST
FB
VC
49.9k
845k
680pF
12pF
90.9k
RT
SW2
SGND
PGND
158k
3113 TA01a
6.49k
47pF
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and No RSENSE, PowerPath are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Li-Ion to 3.8V/3A
INPUT VOLTAGE (V)
1.5
50
55
65
70
75
100
85
2.0
2.5
3113 TA01b
60
90
95
80
3.0
3.5
4.0
4.5
5.0
5.5
ILOAD = 1A
VOUT = 3.8V
ILOAD = 3A


Similar Part No. - LTC3113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3113 AD-LTC3113 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
logo
Linear Technology
LTC3113 LINER-LTC3113_15 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
More results

Similar Description - LTC3113

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3113 LINER-LTC3113_15 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
1A Low Noise, Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Linear Technology
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
XLSEMI
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Fitipower Integrated Te...
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
Low-Noise Boost DC-DC Converter
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
logo
Analog Devices
LT3154 AD-LT3154 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com