Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 2 Page - Linear Technology

  LTC3113 Datasheet HTML 1Page - Linear Technology LTC3113 Datasheet HTML 2Page - Linear Technology LTC3113 Datasheet HTML 3Page - Linear Technology LTC3113 Datasheet HTML 4Page - Linear Technology LTC3113 Datasheet HTML 5Page - Linear Technology LTC3113 Datasheet HTML 6Page - Linear Technology LTC3113 Datasheet HTML 7Page - Linear Technology LTC3113 Datasheet HTML 8Page - Linear Technology LTC3113 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3113
2
3113f
VIN, VOUT, SW1, SW2 Voltage (DC).............. –0.3V to 6V
SW1, SW2 Voltage, Pulsed (<100ns) (Note 4)............7V
VC, RUN, BURST Voltage............................. –0.3V to 6V
FB ................................................................–0.3V to VIN
RT Voltage.................................................... –0.3V to 1V
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3113EDHD#PBF
LTC3113EDHD#TRPBF
3113
16-Lead (5mm
× 4mm) Plastic DFN
–40°C to 125°C
LTC3113IDHD#PBF
LTC3113IDHD#TRPBF
3113
16-Lead (5mm
× 4mm) Plastic DFN
–40°C to 125°C
LTC3113EFE#PBF
LTC3113EFE#TRPBF
LTC3113FE
20-Lead Plastic TSSOP
–40°C to 125°C
LTC3113IFE#PBF
LTC3113IFE#TRPBF
LTC3113FE
20-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS (Notes 1, 3)
Operating Junction Temperature Range
(Notes 2, 5)............................................ –40°C to 125°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSSOP .............................................................. 300°C
16
15
14
13
12
11
10
9
17
PGND
1
2
3
4
5
6
7
8
SW2
SW2
SW1
SW1
SW1
RUN
FB
VC
VOUT
VOUT
VIN
VIN
VIN
SGND
BURST
RT
TOP VIEW
DHD PACKAGE
16-LEAD (5mm
4mm) PLASTIC DFN
TJMAX = 125°C, θJA = 36.5°C/W, θJC = 3.6°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
PGND
VOUT
VOUT
VIN
VIN
VIN
SGND
BURST
RT
PGND
PGND
SW2
SW2
SW1
SW1
SW1
RUN
FB
VC
PGND
21
PGND
TJMAX = 125°C, θJA = 31.5°C/W, θJC = 4.1°C/W
EXPOSED PAD (PIN 21) IS PGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com