Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 11Page - Linear Technology LTC3113 Datasheet HTML 12Page - Linear Technology LTC3113 Datasheet HTML 13Page - Linear Technology LTC3113 Datasheet HTML 14Page - Linear Technology LTC3113 Datasheet HTML 15Page - Linear Technology LTC3113 Datasheet HTML 16Page - Linear Technology LTC3113 Datasheet HTML 17Page - Linear Technology LTC3113 Datasheet HTML 18Page - Linear Technology LTC3113 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC3113
15
3113f
APPLICATIONS INFORMATION
SW1
12
13
14
15
16
1
C1
33pF
C5
1μF
C2
100μF
6.3V
C3
1μF
6.3V
VOUT
3.3V
GND
E1
E2
R3
10k
R2
715k
1%
R7
158k
1%
3113 F03a
3
4
5
11
7
8
2
3
1
617
2
10
9
GND
R5
10k
R9
1.0M
JP1
PWM
VIN
VIN
VOUT
Burst Mode
OPERATION
ON
OFF
FIXED
FREQUENCY
C8
680pF
C9
10pF
VIN
VIN
VIN
RUN
BURST
RT
VOUT
VOUT
FB
VC
SW1 SW1
LTC3113EDHD
SW2
L1
2.2μH
SGND
PGND
SW2
R8
90.9k
1%
2
3
1
JP2
C7
68μF
10V
VIN
1.8V TO 5.5V
GND
E3
E4
R4
1M
Figure 3b. Fabrication Layer of Example PCB
Figure 3a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com