Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 4 Page - Linear Technology

  LTC3113 Datasheet HTML 1Page - Linear Technology LTC3113 Datasheet HTML 2Page - Linear Technology LTC3113 Datasheet HTML 3Page - Linear Technology LTC3113 Datasheet HTML 4Page - Linear Technology LTC3113 Datasheet HTML 5Page - Linear Technology LTC3113 Datasheet HTML 6Page - Linear Technology LTC3113 Datasheet HTML 7Page - Linear Technology LTC3113 Datasheet HTML 8Page - Linear Technology LTC3113 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3113
4
3113f
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Mode No-Load Input
Current vs VIN
Burst Mode No-Load Input
Current vs Temperature
PWM Mode No-Load Input
Current vs VIN
Normalized P-Channel Switch
Resistance vs VIN
Efficiency 3.3V ±10% to 3.8V
Efficiency 1.8V, 3.6V, 5.5V to 3.8V
Normalized N-Channel Switch
Resistance vs VIN
Feedback Voltage
vs Temperature
Maximum Load Current in PWM
Mode vsVIN (Input Current limit 5.8A)
(TA = 25°C, VIN = 3.3V, VOUT = 3.8V unless otherwise specified)
TEMPERATURE (°C)
–45
40
50
60
15
55
75
95
3113 G04
30
20
–25 –5
35
115
10
0
TEMPERATATURE (°C)
–45
0.599
0.600
0.601
15
55
3113 G08
0.598
0.597
–25
–5
35
75
95
115
0.596
0.595
LOAD CURRENT (A)
60
70
80
90
100
0.001
0.1
1
10
3113 G01
50
0.01
VIN = 2.97V
VIN = 3.3V
VIN = 3.63V
VIN = 2.97V BURST
VIN = 3.3V BURST
VIN = 3.63V BURST
LOAD CURRENT (A)
60
70
80
90
100
0.001
0.1
1
10
3113 G02
50
0.01
VIN = 1.8V
VIN = 3.6V
VIN = 5.5V
VIN = 1.8V BURST
VIN = 3.6V BURST
VIN = 5.5V BURST
VIN (V)
1.5
0
10
30
40
50
100
70
2.5
3.0
3.5
3113 G03
20
80
90
60
2.0
4.0
4.5
5.0
5.5
VOUT = 5.5V
VOUT = 1.8V
VOUT = 3.8V
VIN (V)
1.5
0
10
20
30
40
2.5
3.5
4.5
5.5
3113 G05
50
60
2.0
3.0
4.0
5.0
VOUT = 5.5V
VOUT = 3.8V
VOUT = 1.8V
VIN (V)
0.7
0.9
1.1
1.4
1.3
0.8
1.0
1.2
23
4
5
3113 G06
6
1.5
1
2.5
3.5
4.5
5.5
T = 125°C
T = 25°C
T = –40°C
VIN (V)
0.6
0.8
1.0
1.6
1.4
0.7
0.9
1.2
1.5
1.3
1.1
23
4
5
3113 G07
6
1.5
1
2.5
3.5
4.5
5.5
T = 125°C
T = 25°C
T = –40°C
VIN (V)
1.5
1
2
3
4
5
2.5
3.5
4.5
5.5
3113 G09
6
2.0
3.0
4.0
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com