Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7728DPAR2G Datasheet HTML 1Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 2Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 3Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 4Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 5Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 6Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 7Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 8Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
NCV7728
www.onsemi.com
4
GND
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
21
20
22
23
24
Figure 3. Pinout − SSOP24
OUT1
OUT5
NC
VCC
SO
EN
NC
OUT6
OUT4
GND
SI
OUT2
NC
VS1
SCLK
CSB
RESERVED
RESERVED
VS2
NC
OUT3
GND
PACKAGE DESCRIPTION The pin−out for the Hex Half−Bridge in SSOP24 package is shown in the table below.
Pin #
SSOP24
Symbol
Description
1
GND
Ground. Shorted to pin 24 internally.
2
OUT1
Half Bridge Output 1
3
OUT5
Half Bridge Output 5
4
NC
No Connection. This pin should be isolated from any traces or via on the PCB board.
5
SI
Serial Input. 16 bit serial communications input. 3.3 V/5 V (TTL) Compatible. Internally pulled down.
6
VCC
Power supply input for Logic.
7
SO
Serial Output. 16 bit serial communications output. 3.3 V/5 V Complaint
8
EN
Enable. Input high wakes the IC up from a sleep mode. 3.3 V/5 V (TTL) Compatible. Internally pulled down.
9
NC
No Connection. This pin should be isolated from any traces or via on the PCB board.
10
OUT6
Half Bridge Output 6
11
OUT4
Half Bridge Output 4
12
GND
Ground. Shorted to pin 13 internally.
13
GND
Ground. Shorted to pin 12 internally.
14
OUT3
Half Bridge Output 3
15
NC
No Connection. This pin should be isolated from any traces or via on the PCB board.
16
VS2
Voltage Power Supply input for the Drivers 3, 4 and 6. This pin must be connected to VS1 externally.
17
Reserved
Factory use − connect to GND or leave unconnected − internally pulled down.
18
Reserved
Factory use − connect to GND or leave unconnected − internally pulled down.
19
CSB
Chip Select Bar. Active low serial port operation. 3.3V/5V (TTL) Compatible. Internally pulled up.
20
SCLK
Serial Clock. Clock input for use with SPI communication. 3.3 V/5 V (TTL) Compatible. Internally pulled
down.
21
VS1
Voltage Power Supply input for the Drivers 1, 2 and 5, all the pre−drivers and the charge pump. This pin
must be connected to VS2 externally.
22
NC
No Connection. This pin should be isolated from any traces or via on the PCB board.
23
OUT2
Half Bridge Output 2
24
GND
Ground. Shorted to pin 1 internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com