Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV7728DPAR2G Datasheet HTML 1Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 2Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 3Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 4Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 5Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 6Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 7Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 8Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NCV7728
www.onsemi.com
5
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (VS1, VS2)
(DC)
(AC), t < 500ms, Ivsx > −2A
VsxdcMax
VSXac
−0.3 to 40
−1.0
V
Output Pin OUTx
(DC)
(AC), t< 500ms, IOUTx > −1.1A
(AC), t< 500ms, IOUTx < 1A
VoutxDc
VoutxAc
−0.3 to 40
−1.0
1.0
V
Pin Voltage (Logic Input pins, SI, SCLK, CSB, SO, EN, VCC)
VioMax
−0.3 to 5.5
V
Output Current (OUT1, OUT2, OUT3, OUT4, OUT5, OUT6)
IoutxImax
−2.0 to 2.0
A
Electrostatic Discharge, Human Body Model, VSx, OUTx (AEC−Q100−002)
Vesd4k
4.0
kV
Electrostatic Discharge, Human Body Model, all other pins (AEC−Q100−002)
Vesd2k
2.0
kV
Electrostatic Discharge, Machine Model (AEC−Q100−003)
Vesd200
200
V
Short Circuit Reliability Characterization
AECQ10x
Grade A
−
Operating Junction Temperature
Tj
−40 to 150
°C
Storage Temperature Range
Tstr
−55 to 150
°C
Moisture Sensitivity Level (MAX 260
°C Processing)
MSL2
2
−
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL INFORMATION (Note 1)
Rating
Symbol
Value
Unit
Junction to Ambient
RqJA
96.4
°C/W
Junction to Lead
RyJL
63
°C/W
1. Thermal Information is based on having 3 high side and 3 low side devices dissipating 80 mW each on a 2 layer board 0.062
″ thick FR4 board
with 600 mm2 copper spreader area. 2 oz copper is used for the copper spreader area and the ambient temperature is specified at 25
°C.
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Value
Unit
Min
Max
Digital Supply Input Voltage
VccOp
3.15
5.25
V
Battery Supply Input Voltage
VsxOp
5.5
28
V
DC Output Current
IxOp
−
0.55
A
Junction Temperature
TjOp
−40
125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com