Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 4Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 5Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 6Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 7Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 8Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 9Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 10Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 11Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
NCV7728
www.onsemi.com
8
ELECTRICAL CHARACTERISTICS (−40
°C < TJ < 150°C, 5.5 V < VSx < 40 V, 3.15 < Vcc < 5.25 V, EN= Vcc, unless otherwise
specified)
Characteristic
Symbol
Conditions
Timing
Chart
Min
Typ
Max
Unit
DRIVER OUTPUT TIMING SPECIFICATIONS
High Side Turn On Time
ThsOn
VSx = 13.2 V, Rload = 39 W
−
7.5
13
ms
High Side Turn Off Time
ThsOff
VSx = 13.2 V, Rload = 39 W
−
3.0
6.0
ms
Low Side Turn On Time
TlsOn
VSx = 13.2 V, Rload = 39 W
−
6.5
13
ms
Low Side Turn Off Time
TlsOff
VSx = 13.2 V, Rload = 39 W
−
2.0
6.0
ms
High Side Rise Time
ThsTr
VSx =13.2 V, Rload = 39 W
−
4.0
8.0
ms
High Side Fall Time
ThsTf
VSx = 13.2 V, Rload = 39 W
−
2.0
4.0
ms
Low Side Rise Time
TlsTr
VSx = 13.2 V, Rload = 39 W
−
1.0
3.0
ms
Low Side Fall Time
TlsTf
VSx = 13.2 V, Rload = 39 W
−
1.0
3.0
ms
High Side Off to Low Side On
Non−Overlap Time
ThsOffLsOn
VSx = 13.2 V, Rload = 39 W
1.5
−
−
ms
Low Side Off to High Side On
Non−Overlap Time
TlsOffHsOn
VSx = 13.2 V, Rload = 39 W
1.5
−
−
ms
SERIAL PERIPHERAL INTERFACE
SCLK Frequency
Fclk
VCC = 5 V
VCC = 3.15 V
−
−
−
−
5.0
2.0
MHz
SCLK Clock Period
TpClk
VCC = 5 V
VCC = 3.15 V
200
500
−
−
−
−
ns
SCLK High Time
TclkH
1
85
−
−
ns
SCLK Low Time
TclkL
2
85
−
−
ns
SCLK Setup Time
TclkSup
3
4
85
85
−
−
−
−
ns
SI Setup Time
TsiSup
11
50
−
−
ns
SI Hold Time
TsiH
12
50
−
−
ns
CSB Setup Time
TcsbSup
5
6
100
100
−
−
−
−
ns
CSB High Time (Note 2)
TcsbH
7
5.0
−
−
ms
SO enable after CSB falling
edge
TenSo
VCC = 5 V
8
−
−
200
ns
SO disable after CSB rising
edge
TdisSo
VCC = 5 V
9
−
−
200
ns
SO Rise Time
TsoR
Cload = 40 pF
Not ATE tested
−
−
10
25
ns
SO Fall Time
TsoF
Cload = 40 pF
Not ATE tested
−
−
10
25
ns
SO Valid Time
TsoV
Cload = 40 pF
SCLK
↑ to SO 50%,
Not ATE tested
10
−
20
50
ns
EN Low Valid Time (Note 3)
TenL
VCC = 5 V
EN going low 50% to
OUTx turing off 50%
10
−
−
ms
EN High to SPI Valid
TenHspiV
−
−
100
ms
SRR Delay Between Two
Consecutive Frame (Note 4)
Tsrr
150
−
−
ms
2. This is the minimum time the user must wait between SPI commands.
3. This is the minimum time the user must wait before bringing EN up.
4. This is the minimum time the user must wait to send a SRR command between consecutive frames. If Tsrr time is not met the SRR request
is ignored.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com