Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 7Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 8Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 9Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 10Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 11Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 12Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 13Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 14Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
NCV7728
www.onsemi.com
11
TYPICAL PERFORMANCE GRAPHS
Figure 6. IqTot vs. Temperature
Figure 7. I(VCC) Active Mode vs. V(VCC)
TEMPERATURE (
°C)
VCC VOLTAGE (V)
150
70
50
−10
−50
0
0.5
1.5
2.0
3.0
3.5
4.0
5.0
5.5
5.0
4.5
4.0
3.5
3.0
2.10
2.20
2.25
2.30
2.40
Figure 8. RDS(on) vs. Temperature
Figure 9. RDS(on) vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
Figure 10. Body Diode vs. Temperature
Figure 11. Overcurrent vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
1.0
2.5
4.5
VCC = 5.25 V
VCC = 5 V
VCC = 3.15 V
2.15
2.35
150
°C
−40
°C
125
°C
25
°C
VSx = 13.2 V
VSx = 13.2 V
150
100
50
0
−50
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
150
100
50
0
−50
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
150
100
50
0
−50
0.8
0.9
1.0
1.1
1.2
150
100
50
0
−50
−2.0
−1.5
−1.0
−0.5
0
1.0
1.5
2.0
−30
10
30
90
110 130
VSx = 13.2 V
I(OUTx) = 0.5 A
HSx
LSx
VSx = 13.2 V
I(OUTx) = 0.5 A
HSx + LSx
If = 0.5 A
HSx
LSx
0.5
VS = 13.2 V
VCC = 5.0 V
HSx
LSx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com