Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 16 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 12Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 13Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 14Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 15Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 16Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 17Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 18Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 19Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
NCV7728
www.onsemi.com
16
OCS
“01”
ULD
“10”
Output Enabled
“11”
Output Disabled
“00”
(default)
HBENx= ‘0’ or
Power On Reset
SRR = ‘1’ or
Power On Reset
Over
Current
Under
Load
HBENx= ‘1’
Figure 14. SO HBx[1:0] Priority Encoding State Diagram
As seen from Figure 14 an over current event following an
under load condition on the same half-bridge reports HBx =
‘10’ then HBx = ‘01’. However, an over current preceding
an under load fault only reports HBx = ‘01’ since there are
no direct path from the OCS state to the ULD state. Thus an
over current shutdown fault must be cleared before an under
load fault is reported on the same half-bridge.
HBx[1:0] bits are priority encoded to provide the status
information of each of the half−bridge outputs. Thus an over
current shutdown fault must be cleared before an under load
fault is reported on the same half−bridge. The latched
thermal shutdown (TSD) information is available on SO
after CSB goes low until the first rising SCLK edge. The
following procedures must be met for a true TSD reading:
1. SCLK and SI are low before the CSB cycle. Violating these conditions will results in an undetermined SPI behavior
or/and an incorrect TSD reading.
2. CSB transitioning from high to low.
3. CSB setup time (TcsbSup) is satisfied and the data is captured before the first SCLK rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com