Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 9Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 10Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 11Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 12Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 13Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 14Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 15Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 16Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
NCV7728
www.onsemi.com
13
OPERATING DESCRIPTION
General Overview
The NCV7728 is comprised of twelve DMOS power
drivers (six PMOS High Side Driver and six NMOS Low
Side Driver) configured as six half bridges that enables three
independent Full Bridge operations. Each output drive is
characterized for a max 550 mA DC load and has a typical
2 A surge capability (at VSx =13.2 V). Strict adherence to
integrated circuit die temperature is necessary. Maximum
die temperature is 150
°C. This may limit the number of
drivers enabled at one time. Output drive control and fault
reporting is handled via the SPI (Serial Peripheral Interface)
port.
An Enable function (EN) provides a low quiescent sleep
current mode when the device is not being utilized. No data
is stored when the device is in sleep mode. An internal pull
down resistor is provided on the EN input to ensure the
device is off if the input signal is lost. De−asserting the EN
signal clears all the registers and resets the driver. When the
EN signal is asserted the IC will proceed with the VCC POR
cycle and brings the drivers into normal operation.
SPI Communication
16−bit full duplex SPI communication has been
implemented for the communication of this IC for device
configurations, driver controls and reading the diagnostic
data. In addition to the 16−bit diagnostic data, a pseudo bit
(PRE_15) can also be retrieved from the SO register. The
part is required to be enabled (EN active high) for SPI
communication. The inputs for the SPI are TTL logic
compatible and are specified by the VthInH and VthInL
thresholds. The active low CSB input has a pull up resistor
and the remaining SPI inputs have pull−down resistors to
bias them to a known state when SPI is not active.
Reference the SPI communication frame format diagram
in Figure 13 for the 16 bit SPI implementation. Tables 1
and 2 define the programming bits and diagnostic bits
shown in Figure 13.
SPI COMMUNICATION FRAME FORMAT
Figure 13. SPI Communication Frame Format
CSB
SI
SO
SCLK
SSR
HBSEL
PSF
HBCNF6 – HBCNF1
OVLO
TW
HBEN6 – HBEN1
ULD
0
14
13
15
OCS
ULD
HBx[1:0]
TSD
Communication is implemented as follows and is also illustrated in Figure 17:
1. SI and SCLK are set to low before the CSB cycle.
2. CSB goes low to allow serial data transfer.
3. SI data starting with the Most Significant bit (MSB) is shifted in first.
4. SI data is recognized on every falling edge of the clock.
5. Simultaneously, SO data from the previous frame starting with the MSB bit is shifted out on every rising edge of the
clock.
6. The input data is compared to a 16 bit counter for the initial 16 bits shifted into SI for frame detection error scheme.
7. The sequential input bits are compared to a n x 8 (n can take on the value of any integer) bit counter for daisy chain
operations and are monitored by the frame detection error scheme.
8. CSB goes high and the most recent 16 bits clocked into SI are transferred to the data register given that there is no
frame detection error. Otherwise the entire frame is ignored.
9. SO is tri−state when CSB is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com