Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 22 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 22 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 18Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 19Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 20Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 21Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 22Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 23Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 24Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 25Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
NCV7728
www.onsemi.com
22
Over Current Detection and Shutdown
The NCV7728 offers over current shutdown protection on
the OUTx pins by monitoring the current on the high side
and low side drivers. If the over current threshold is
breached, the corresponding output is latched off (HS and
LS driver is latched off) after the specified shutdown time,
TdOc. Upon over current shutdown, the serial output bit
OCS will be set and the corresponding HBx[1:0] will be
changed to “01” to denote a high power dissipation state.
Devices can be turned back on via the SPI port once the OCS
condition is cleared by setting the SRR to ‘1’ on the next SPI
command. The event triggering the over current shutdown
condition must be resolved prior to clearing the OCS bit to
avoid repetitive stress on the drivers. Failure to do so may
result in non reversible fatal damage.
The SO data OCS shown on Figure 23 corresponds to both
the global SO bit #15 and the HBx OCS encoding state ‘01’.
Note: high currents could cause a high rise in die
temperature. Devices will turn off if the die temperature
exceeds the thermal shutdown temperature.
Figure 23. Over−Current Timing Diagram
OUTx
ON
OCS
IsdSxx
t
SI
Status
Output
State
SO
OUTx ON
SRR=0
OUTx
ON
No
Fault
OUTx ON
SRR=1
OUTx
ON
OUTx Z
Output
Current
OUTx
ON
No
Fault
No
Fault
TdOc
OCS
OUTx Z
TdOc
OUTx
ON
No
Fault
No
Fault
OUTx
ON
OCS
OCS
OCS
Under Load Detection
The under−load detection is employed on both the HS and
LS drivers. A global output bit (ULD) reports under load
fault if at least one of the channels detect an under load
condition. When configured for either LS or HS operation,
a minimum load current (IuldLS or |IuldHS| − this is the
maximum open circuit detection threshold) is required when
the drivers are turned on to avoid an under−load condition.
If the under−load detection threshold has been breached
longer than the specified under−load timer (TdUld), the
ULD output bit is set to ‘1’ and HBx[1:0] bits transitions to
“10”. Furthermore, if the Under−Load Detection Shutdown
Control (ULDSC bit # 13) input bit is set then the offending
half−bridge output will be turned off (HS and LS drivers will
be latched off). Otherwise the outputs remain active and the
device configuration can be changed. The SO reporting is
stored until the SRR clears the fault. Since an OCS fault has
a higher priority over an under load fault, the HBx[1:0]
under load fault state can be masked by an over current fault.
There is only one global under load timer for all the
drivers. If the TdUld timer is already activated due to one
under load, any subsequent under load delays will be the
remainder of the TdUld timer.
Table 4. UNDER−LOAD DRIVER STATUS
ULDSC Input
Bit 13
OUTx ULD
Condition
Output Data Bit Under Load Detect Sta-
tus
OUTx Status
0
0
‘0’
Unchanged
0
1
‘1’
(Need SRR to reset)
Unchanged
1
0
‘0’
Unchanged
1
1
‘1’ (Need SRR to reset)
OUTx Latches off (Need SRR to reset)
The ULD SO data provided in the under load timing diagram in Figure 24 reflects the global ULD SO bit #13 and the HBx
ULD encoding state ‘10’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com