Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 26 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 26 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 19Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 20Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 21Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 22Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 23Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 24Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 25Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 26Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 27Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
NCV7728
www.onsemi.com
26
APPLICATION DIAGRAM
The application drawing below demonstrates the drive
capability of the NCV7728. The VS1 and VS2 pins must be
tied together to avoid any potential difference in the supply
voltage.
NCV7728
Hex Half Bridge
GND GND GND
EN
VCC
SI
SO
SCLK
CSB
VS1
VS2
OUT1
OUT2
M1
OUT3
OUT4
M2
OUT5
OUT6
M3
uC
EN
MOSI
MISO
SCLK
CSB
NCV8518B
DELAY
WDI
VOUT
EN
GND
VCC
VIN
20k
120k
RESET
IO
RESET
MRA4003T3
0.1uF
13.2V
1.0uF
GND
M5
M4
Figure 29. Application Drawing
ORDERING INFORMATION
Device
Markiing
Package
Shipping†
NCV7728DPR2G
NCV7728
SSOP24
(Pb−Free)
2500 / Tape & Reel
NCV7728DPAR2G
NCV7728A
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com