Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 24 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 24 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 19Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 20Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 21Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 22Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 23Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 24Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 25Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 26Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 27Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
NCV7728
www.onsemi.com
24
Thermal Performance
COPPER HEAT SPREADER AREA (mm2)
800
600
500
400
300
200
100
0
0
0.2
0.6
0.8
1.4
1.6
700
900
0.4
1.0
1.2
1.0 oz
2.0 oz
Figure 26.
qJA vs. Cu Area
COPPER HEAT SPREADER AREA (sq mm)
800
700
500
400
300
200
100
0
60
70
90
100
120
130
150
160
600
900
80
110
140
1 oz
2 oz
Figure 27. Power vs. Cu Area
Figure 28. R(t) vs. Duty Cycle
0.000001
0.0001
0.01
1
100
0.01
0.1
1
10
100
PULSE TIME (sec)
Single Pulse
1%
2%
5%
10%
25%
Duty = 50%
1000
10
0.1
0.001
0.00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com