Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 2Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 3Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 4Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 5Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 6Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 7Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 8Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 9Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
NCV7728
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (−40
°C < TJ < 150°C, 5.5 V < VSx < 40 V, 3.15 V < VCC < 5.25 V, EN = VCC, unless otherwise
specified)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
GENERAL
Supply Current (VS1 + VS2)
Sleep Mode
IqVsx85
VS1 = VS2 = 13.2 V, VCC = 0 V −40°C to 85°C
No Load
−
1.0
2.5
mA
Supply Current (VS1 + VS2)
Active Mode
IvsOp
EN = VCC, 5.5 V < VSx < 28 V No Load
−
2.5
5.0
mA
Supply Current (VCC)
Sleep Mode
Active Mode
IqVCC
IVCCOp
CSB = VCC, EN = SI = SCLK = 0 V
(−40
°C to 85°C)
EN = CSB = VCC, SI = SCLK = 0 V
No Load
−
−
1.0
1.5
2.5
3.0
mA
mA
Total Sleep Mode Current
I(VS1) + I(VS2) + I(VCC)
IqTot
Sleep Mode, −40
°C to 85°C, No Load
−
2
5
mA
VCC Power−On−Reset Thresh-
old
VCCpor
VCC increasing
−
2.55
2.9
V
VSx Undervoltage Detection
Threshold
VsXuv
VSx decreasing
3.7
4.1
4.5
V
VSx Undervoltage Detection
Hysteresis
VsXuHys
100
−
450
mV
VSx Overvoltage Detection
Threshold
VsXov
VSx increasing
32
36
40
V
VSx Overvoltage Detection
Hysteresis
VsXoHys
1
2.5
4
V
THERMAL RESPONSE
Thermal Warning
Twr
Not ATE tested
120
140
170
°C
Thermal Warning Hysteresis
TwHy
Not ATE tested
−
20
−
°C
Thermal Shutdown
Tsd
Not ATE tested
150
175
200
°C
Thermal Shutdown Hysteresis
TsdHy
Not ATE tested
−
20
−
°C
OUTPUTS
Output High RDS(on) (source)
RDSonHS
Iout = −500 mA, VSx = 13.2 V, VCC = 3.15 V
−
1
2.25
W
Output Low RDS(on) (sink)
RDSonLS
Iout = 500 mA, VSx = 13.2 V, VCC = 3.15 V
−
1
2.0
W
Output Path RDS(HSx+LSx)
RDSonPath
Iout = ⎮500⎜ mA
−
−
4.0
W
Source Leakage Current
IsrcLkg13.2
IsrcLkg28
VCC = 5 V, OUT(1−6) = 0 V, −40°C to 85°C;
VSx = 13.2 V
VSx = 28 V
−1.0
−2.0
−
−
−
−
mA
Sink Leakage Current
IsnkLkg13.2
IsnkLkg28
VCC = 5 V;
OUT(1−6) = VSx = 13.2 V
OUT(1−6) = VSx = 28 V
−
−
−
−
1.0
2.0
mA
Overcurrent Shutdown Thresh-
old (Source)
IsdSrc
VCC = 5 V, VSx = 13.2 V
−2.0
−1.2
−0.8
A
Overcurrent Shutdown Thresh-
old (Sink)
IsdSnk
VCC = 5 V, VSx = 13.2 V
0.8
1.2
2.0
A
Over Current Delay Timer
TdOc
10
25
50
ms
Under Load Detection Thresh-
old (Low Side)
IuldLS
VCC = 5 V, VSx = 13.2 V
2.0
11
20
mA
Under Load Detection Thresh-
old (High Side)
IuldHS
VCC = 5 V, VSx = 13.2 V
−20
−11
−2.0
mA
Under Load Detection Delay
Time
TdUld
VCC = 5 V, VSx = 13.2 V
200
350
600
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com