Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 19 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 19 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 15Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 16Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 17Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 18Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 19Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 20Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 21Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 22Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
NCV7728
www.onsemi.com
19
Figure 17. SPI Data Recognition and Frame Detection
SCLK
CSB
SI
7
6
1
0
15
Word B – 8 bits
Word A – 16 bits
24 bit Frame
Modulo16 counter begins on the first rising SCLK edge after CSB goes low
.
SI data is recognized on the falling SCLK edge
.
SO data is shifted out on the rising SCLK edge
.
TSD
SO
MSB
MSB
LSB
LSB
MSB
MSB
0
LSB
LSB
8
7
Modulo16 counter ends– 16 bit word length valid
.
Modulo8 counter begins on the next rising SCLK edge
.
Modulo8 counter ends– 8 bit word length valid
. Valid n*8 bit frame.
The TSD bit is multiplexed with the SPI SO data and OR’d
with the SI input (Figure 18) to allow for reporting in a serial
daisy chain configuration in devices with the same SPI
protocol. A TSD error bit as a “1” automatically propagates
through the serial daisy chain circuitry from the SO output
of one device to the SI input of the next. This is shown in
Figures 19 and 20; first as the daisy chained devices
connected with no thermal shutdown latched fault
(Figure 19) and subsequently with a TSD fault in device 1
propagating through to device 2 (Figure 20).
TSD
SPI
SI
SO
S
SO
SI
TSD
SO
NCV7718
SI
TSD
SO
NCV7718
“0”
“0”
“0”
“0”
“0”
Device #1
Device #2
Figure 18. TSD SPI Link
Figure 19. Daisy Chain No TSD Fault
SI
TSD
SO
NCV7718
SI
TSD
SO
NCV7718
“0”
“1”
“1”
“0”
“1”
Device #1
Device #2
Figure 20. Daisy Chain TSD Error
Propagation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com