Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 3Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 4Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 5Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 6Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 7Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 8Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 9Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 10Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
NCV7728
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (−40
°C < TJ < 150°C, 5.5 V < VSx < 40 V, 3.15 V < VCC < 5.25 V, EN = VCC, unless otherwise
specified)
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
BODY DIODE
Power Transistor Body Diode
Forward Voltage
VbdFwd
If = 500 mA
−
0.9
1.3
V
LOGIC INPUTS (EN, SI, SCLK, CSB)
Input Threshold
High
Low
VthInH
VthInL
2.0
−
−
−
−
0.6
V
Input Hysteresis (SI, SCLK,
CSB)
VthInHys
50
150
300
mV
Enable Hysteresis
VthENHys
150
400
800
mV
Input Pull−down Resistance
(EN, SI, SCLK)
Rpdx
EN = SI = SCLK = VCC
50
125
200
k
W
Input Pull−up Resistance
(CSB)
RpuCSB
CSB = 0 V
50
125
250
k
W
Input Capacitance
Cinx
Not ATE tested
−
−−
15
pF
LOGIC OUTPUT (SO)
Output High
VsoH
ISOURCE = −1 mA
VCC –
0.6
−
−
V
Output Low
VsoL
ISINK = 1.6 mA
−
−
0.4
V
Tri−state Leakage
ItriStLkg
CSB = 5 V
−5
−
5
mA
Tri−state Output Capacitance
ItriStCout
CSB = VCC, 0 V < VCC < 5.25 V
Not ATE tested
−
−
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com