Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV7728DPAR2G Datasheet(PDF) 17 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 13Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 14Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 15Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 16Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 17Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 18Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 19Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 20Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
NCV7728
www.onsemi.com
17
Driver Control
The NCV7728 has the flexibility of controlling each
driver through the 16 bit SPI frame (Bits 12−1) and the logic
combination required for bridge control is defined in
Figure 15.
HBENx
HBCNFx
OUTx
VS
HSx
LSx
HBENx
HBCNFx
OUTx
0
‘X’
OUTx in High Impedance State
1
0
HSx Off and LSx On
1
1
HSx On and LSx Off
‘X’ = Don’t Care
Figure 15. Bridge Control Logic
The digital design insures that the high side and low side
of the same half bridge will not be active at the same time.
Thus the device self protects from a current shoot through
condition. Delays (ThsOffLsOn and TlsOffHsOn) between
the high side and low side switching are implemented for
same reasons.
Frame Detection
To maintain the data integrity, the NCV7728 has 16 bit
frame detection. A valid frame for a single CSB cycle
requires 16 bits to be clocked into SI for the initial 16 bits and
n x 8 bits thereafter. In an instance of an invalid SPI frame
the entire frame is ignored, but the previous states of the
corresponding outputs are maintained.
Daisy Chain Operation
Daisy chain communications between multiple of 8−bit
SPI compatible IC’s is possible by connection of the serial
output pin (SO) to the input of the sequential IC (SI). The
clock phase and clock polarity respect to the data must be the
same for all the devices on the chain. Figure 16 illustrates the
hardware configuration of NCV7728 daisy chained with a
n*8 bit (ie n = 2; 16 bit) SPI device. The progression of data
from the MCU through the sequential devices is also shown.
Strict adherence to the frame format illustrated in Figure 17
is required for the proper serial daisy chain operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com