Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8338ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
AD8338
Rev. B | Page 3 of 19
SPECIFICATIONS
AC SPECIFICATIONS
VBAT = 3.0 V, TA = 25°C, CL = 2 pF on OUTP and OUTM, RL = ∞, MODE pin high, RIN = 2 × 500 Ω, VGAIN = 0.6 V, differential operation,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT INTERFACE
INPD, INMD, INPR, and INMR pins
Input Voltage Range
3
V p-p
−3 dB Bandwidth
18
MHz
Input Resistance
Standard configuration using the INPR and
INMR inputs
0.8
1
1.2
kΩ
Input Capacitance
2
pF
OUTPUT INTERFACE
OUTP and OUTM pins
Small Signal Bandwidth
VGAIN = 0.6 V
18
MHz
Peak Slew Rate
VGAIN = 0.6 V
50
V/µs
Peak-to-Peak Output Swing
Single-ended
0.7
V p-p
Differential
1.4
V p-p
Difference output swing
2.8
V p-p
Common-Mode Voltage
1.5
V
Input-Referred Voltage Noise
Using Internal Resistors
VGAIN = 1.1 V
4.5
nV/√Hz
VGAIN = 0.6 V
15
nV/√Hz
VGAIN = 0.1 V
150
nV/√Hz
Using External 47 Ω Resistors
VGAIN = 1.1 V
1.5
nV/√Hz
Offset Voltage
RTO, VGAIN = 0.1 V, offset null enabled
−10
+10
mV
RTO, VGAIN = 0.6 V, offset null enabled
−10
+10
mV
RTO, VGAIN = 0.1 V, offset null disabled
−50
+50
mV
RTO, VGAIN = 0.6 V, offset null disabled
−200
+200
mV
POWER SUPPLY
VBAT
3.0
5.0
V
IVBAT
Minimum gain, VGAIN = 0.1 V
6.0
8.0
mA
Mid gain, VGAIN = 0.6 V
3.0
3.8
mA
Maximum gain, VGAIN = 1.1 V
4.5
6.0
mA
GAIN CONTROL
Gain Range
Standard configuration using the INPR and
INMR inputs
0
80
dB
Gain Span
80
dB
Gain Voltage (VGAIN)
VGAIN relative to COMM
0.1
1.1
V
Gain Slope
77
80
83
dB/V
12
12.5
13
mV/dB
Gain Accuracy
Standard configuration using the INPR and
INMR inputs; 0.1 V < VGAIN < 1.1 V
−2
+0.5
+2
dB
VREF REFERENCE OUTPUT
Output Voltage
1.5
V
Output Current
5
mA
Accuracy
2
%
DETO OUTPUT CURRENT
±10
µA
MODE INPUT
Logic High
2.5
VBAT
V
Logic Low
COMM
0.6
V
AGC CONTROL
MODE = 0 V
Maximum Target Amplitude
Expected rms output value for target =
VAGC − VREF = 1.0 V
1.0
V rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com