Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
AD8338
Rev. B | Page 15 of 19
AGC Circuit, VAGC Pin
The AD8338 includes a current output rms detector that can be
used to configure the AD8338 as an AGC amplifier (see Figure 46).
In this configuration, the AGC circuit compares the rms output
amplitude of the VGA with the desired rms output amplitude (the
voltage at Pin VAGC with respect to the voltage at Pin VREF),
and drives Pin GAIN to minimize their difference. Therefore,
in steady state conditions, the circuit forces the rms output
amplitude of the AD8338 to be the voltage at Pin VAGC with
respect to the voltage at Pin VREF. Because the AGC circuit
uses negative feedback, the gain slope of the AD8338 needs to
be set by connecting Pin MODE to ground.
The AGC attack time, or the time it takes for the AGC to
respond to a change at the input, is set by the value of CDETO.
This time is approximately
T (sec) = 17,450 Ω × (285 pF + CDETO)
(5)
Without CDETO, the AGC response time is approximately 5 µs.
With a 0.1 µF capacitor, the AGC response time is approximately
1.75 ms.
When using the AGC loop, the output voltage is set against an
rms target, defined by the applied voltage at the VAGC pin. The
output reflects the rms value of the absolute value difference
between VAGC and VREF. The designer must be aware that for
values of (VAGC − VREF) larger than 0.6 V, output limiting
begins to greatly distort the signal.
VOUT_RMS = |VAGC − VREF |
(6)
VOUT_RMS = |VAGC − 1.5|
(7)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1.0
1.5
2.0
2.5
3.0
VAGC VOLTAGE (V)
Figure 45. Output RMS Voltage vs. VAGC
Not all applications require the AGC circuit. Therefore, the
AGC circuit can be disabled by connecting Pin DETO to
ground, and connecting Pin VAGC to Pin VREF.
Internal Reference, Pin VREF
The AD8338 includes an internal 1.5 V voltage reference that is
used to set the quiescent bias voltages of many key nodes in the
VGA. These nodes include inputs pins (INPR, INMR, INPD, and
INMD), output pins (OUTP and OUTM), and feedback pins
(FBKP and FBKM). The output voltage of the internal reference,
Pin VREF, can be bypassed with a 0.1 µF capacitor to Pin COMM;
however, do not force VREF externally.
INPR
INPD
INMD
INMR
FBKM
OUTP
OUTM
FBKP
VREF
VGA CORE
0dB TO 80dB
OFFSET NULL
OUTPUT
STAGE
0dB
OFSN
VREF
VBAT
AUTOMATIC
GAIN
CONTROL
GAIN INTERFACE
AD8338
AGC SETPOINT
0.01µF
CAGC
Figure 46. AD8338 Configured as an AGC Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com