Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8338ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
AD8338
Rev. B | Page 5 of 19
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
INPR
INPD
INMD
INMR
OUTP
FBKP
OUTM
FBKM
NOTES
1. THE EXPOSED PAD MUST BE TIED
TO A QUIET ANALOG GROUND.
12
11
10
1
3
4
9
2
AD8338
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
EPAD
Exposed Pad. The exposed pad must be tied to a quiet analog ground.
1
INPR
Positive 500 Ω Resistor Input for Voltage Input Applications.
2
INPD
Positive Input for Current Input Applications.
3
INMD
Negative Input for Current Input Applications.
4
INMR
Negative 500 Ω Resistor Input for Voltage Input Applications.
5
COMM
Ground.
6
MODE
Gain Mode. This pin selects positive or negative gain slope for gain control. When this pin is tied to VBAT, the gain
of the AD8338 increases proportionally with an increase of the voltage on the GAIN pin. When this pin is tied to
COMM, the gain decreases with an increase of the voltage on the GAIN pin.
7
GAIN
Gain Control Input, 12.5 mV/dB or 80 dB/V.
8
DETO
Detector Output Terminal, ±10 µA. If the AGC feature is not used, tie DETO to COMM.
9
FBKM
Negative Feedback Node. For more information, see the FBKP, FBKM, OUTP, and OUTM Pins section.
10
OUTM
Negative Output.
11
OUTP
Positive Output.
12
FBKP
Positive Feedback Node. For more information, see the FBKP, FBKM, OUTP, and OUTM Pins section.
13
VAGC
Voltage for Automatic Gain Control Circuit. This pin controls the target rms output voltage for the AGC circuit. For
more information, see the AGC Circuit, VAGC Pin section. If the AGC feature is not used, tie VAGC to VREF.
14
OFSN
Offset Null Terminal. For more information, see the Offset Correction Circuit, OFSN Pin section. If the offset null
feature is not used, tie OFSN to ground; otherwise, a capacitor to VREF is used to set the offset null high-pass corner.
15
VBAT
Positive Supply Voltage.
16
VREF
Internal 1.5 V Voltage Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com