Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
AD8338
Rev. B | Page 9 of 19
0
–10
–20
–30
–40
–50
–60
–70
–80
0.1
1.1
0.9
0.7
0.5
0.3
1.0
0.8
0.6
0.4
0.2
VGAIN (V)
HD2, MODE PIN HIGH
VOUT = 0.5V p-p
HD2, MODE PIN LOW
HD3, MODE PIN HIGH
HD3, MODE PIN LOW
Figure 22. Harmonic Distortion vs. VGAIN
20
10
0
–10
–20
–30
–40
–50
–60
–70
0.1
0.3
0.5
0.7
0.9
1.1
VGAIN (V)
OUTPUT
INPUT
Figure 23. Input and Output 1 dB Compression vs. VGAIN
25
0
5
10
15
20
0.1
1.1
0.9
0.5
0.7
0.3
VGAIN (V)
100kHz
1MHz
Figure 24. OIP3 vs. VGAIN
0
–10
–20
–30
–40
–50
–60
–70
–80
20k
20M
2M
200k
FREQUENCY (Hz)
Figure 25. IMD3 Distortion vs. Frequency
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
100
200
300
400
500
600
700
800
TIME (ns)
VOUT = 2V p-p
f = 1MHz
GAIN = 0dB
Figure 26. Large Signal Pulse Response vs. Time, VGAIN = 0 V
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.2
0.4
0.6
0.8
TIME (µs)
VOUT = 2V p-p
f = 1MHz
GAIN = 80dB
Figure 27. Large Signal Pulse Response vs. Time, VGAIN = 1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com