Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
AD8338
Rev. B | Page 17 of 19
ADJUSTING THE OUTPUT COMMON-MODE
VOLTAGE
The output common-mode voltage of the AD8338 differential
outputs is nominally set to 1.5 V, the voltage at Pin VREF. This
output common-mode voltage can be adjusted by connecting a
resistor from each of the summing nodes of the output amplifier
(Pin FBKP and Pin FBKM) to either Pin COMM or Pin VBAT.
Connecting a resistor from Pin FBKP and Pin FBKM to Pin VBAT
decreases the output common-mode voltage, whereas connecting
a resistor from Pin FBKP and Pin FBKM to Pin COMM increases
the output common-mode voltage (see Figure 47 and Figure 48).
FBKM
OUTP = 1.5V –
OUTM = 1.5V –
FBKP
9.5kΩ
VREF = 1.5V
VBAT
VBAT
(VBAT – 1.5V) × 9.5kΩ
R2
R2
R1
9.5kΩ
(VBAT – 1.5V) × 9.5kΩ
R1
+ VOUT/2
+ VOUT/2
lOUT
Figure 47. Decreasing the Output Common-Mode Voltage
FBKM
OUTP = 1.5V –
OUTM = 1.5V –
FBKP
9.5kΩ
VREF = 1.5V
COMM
COMM
(0 – 1.5V) × 9.5kΩ
R2
R2
R1
9.5kΩ
(0 – 1.5V) × 9.5kΩ
R1
+ VOUT/2
+ VOUT/2
lOUT
Figure 48. Increasing the Output Common-Mode Voltage
Table 5 and Table 6 show suggested values for the external
resistors shown in Figure 47 and Figure 48, respectively.
Table 5. Resistor Values for Decreasing the Output
Common-Mode Voltage
VBAT (V)
Target VOCM (V)
Resistor Value (Ω)
Tied to
5.0
0.9
55,417
VBAT
3.3
0.9
28,500
VBAT
3.0
0.9
23,750
VBAT
Table 6. Resistor Values for Increasing the Output
Common-Mode Voltage
VBAT (V)
Target VOCM (V)
Resistor Value (Ω)
Tied to
Any
1.8
47,500
COMM
Any
2.0
28,500
COMM
Any
2.5
14,250
COMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com