Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AD8338
Data Sheet
Rev. B | Page 8 of 19
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10k
100k
1M
10M
FREQUENCY (Hz)
0dB
20dB
40dB
60dB
80dB
Figure 16. Common-Mode Rejection Ratio (CMRR) vs. Frequency over Gain,
Offset Null On, Referred to Input
100000
10000
1000
100
VGAIN (V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
–40°C
+25°C
+85°C
Figure 17. Output Referred Noise vs. VGAIN
1
10
100
1000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VGAIN (V)
–40°C
+25°C
+85°C
Figure 18. Input Referred Noise vs. VGAIN
1k
0.1
1
10
100
10k
100k
1M
100M
10M
FREQUENCY (Hz)
GAIN = 1, OFSN DISABLED
GAIN = 10, OFSN DISABLED
GAIN = 100, OFSN DISABLED
GAIN = 1000, OFSN ENABLED
GAIN = 10000, OFSN ENABLED
Figure 19. Input Referred Noise vs. Frequency
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
50k
500k
5M
FREQUENCY (Hz)
HD2, 1kΩ
HD3, 1kΩ
HD2, 10kΩ
HD3, 10kΩ
VOUT = 0.5V p-p
Figure 20. Harmonic Distortion vs. Frequency
–60
–50
–40
–30
–20
–10
0
0.5
1.0
1.5
2.0
2.5
3.0
VOUT (V p-p)
HD2
HD3
Figure 21. Harmonic Distortion vs. Output Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com