Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AD8338
Data Sheet
Rev. B | Page 6 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
VBAT = 3.0 V, TA = 25°C, CL = 2 pF on OUTP and OUTM, RL = ∞, MODE pin high, RIN = 2 × 500 Ω, VGAIN = 0.6 V, differential operation;
unless otherwise noted.
80
0
10
20
30
40
50
60
70
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VGAIN (V)
MODE PIN LOW
MODE PIN HIGH
Figure 4. Gain vs. VGAIN
80
0
10
20
30
40
50
60
70
GAIN SLOPE (dB/V)
78.0
78.3
78.6
78.9
79.2
79.5
79.8
80.1
80.4
N = 962
Figure 5. Gain Slope Histogram
100
–40
–20
0
20
40
60
80
10k
100M
10M
1M
100k
FREQUENCY (Hz)
VGAIN = 0.1V
VGAIN = 0.2V
VGAIN = 0.3V
VGAIN = 0.4V
VGAIN = 0.5V
VGAIN = 0.6V
VGAIN = 0.7V
VGAIN = 0.8V
VGAIN = 0.9V
VGAIN = 1.0V
VGAIN = 1.1V
Figure 6. Gain vs. Frequency, 8 dB Steps
80
–60
–40
–20
0
20
40
60
100k
1M
10M
100M
FREQUENCY (Hz)
VGAIN = 100mV
VGAIN = 350mV
VGAIN = 600mV
Figure 7. Gain vs. Frequency, RIN = 2 × 50 Ω, 20 dB Steps
80
–80
–60
–40
–20
0
20
40
60
100k
1M
10M
100M
FREQUENCY (Hz)
VGAIN = 100mV
VGAIN = 350mV
VGAIN = 600mV
VGAIN = 850mV
VGAIN = 1100mV
Figure 8. Gain vs. Frequency, RIN = 2 × 5 kΩ, 20 dB Steps
5
–5
–4
–3
–2
–1
0
1
2
3
4
0.10.20.30.40.50.6
0.70.80.91.01.1
VGAIN (V)
VS = 3V
f = 1MHz
–40°C
+25°C
+85°C
+105°C
Figure 9. Gain Error vs. VGAIN over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com