Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AD8338
Data Sheet
Rev. B | Page 10 of 19
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.2
0.4
0.6
0.8
TIME (µs)
VOUT = 2V p-p
f = 1MHz
GAIN = 40dB
Figure 28. Large Signal Pulse Response vs. Time, VGAIN = 0.6 V
100
–100
–80
–60
–40
–20
0
20
40
60
80
0
0.2
0.4
0.6
0.8
TIME (µs)
CL = 0pF
CL = 10pF
CL = 20pF
CL = 47pF
VOUT = 100mV p-p
f = 1.5MHz
GAIN = 1
Figure 29. Small Signal Pulse Response vs. Time for Varying Capacitive Loads
0.6
0.1
1.0
0
–1.0
010
8
6
4
29
7
5
3
1
TIME (µs)
VGAIN
VOUT
Figure 30. Gain Step Response vs. Time
1.5
0.5
1.0
0
–0.5
–1.5
–1.0
0
80
160
200
60
140
40
120
20
100
180
TIME (µs)
f = 100kHz
VIN LOW = 2mV
VIN HIGH = 20mV
GAIN = 40dB
Figure 31. Overdrive Recovery vs. Time
12
10
8
6
4
2
0
01.2
1.1
1.0
0.8
0.6
0.4
0.2
0.9
0.7
0.5
0.3
0.1
VGAIN (V)
–40°C, MODE PIN HIGH
+25°C, MODE PIN HIGH
+85°C, MODE PIN HIGH
–40°C, MODE PIN LOW
+25°C, MODE PIN LOW
+85°C, MODE PIN LOW
Figure 32. Supply Current vs. VGAIN
50
–40
–30
–20
–10
0
10
20
30
40
20
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
0.01µF
0.1µF
1µF
10µF
OFFSET NULL OFF
GAIN = 100
Figure 33. Offset Null Bandwidth vs. Offset Null Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com