Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
AD8338
Rev. B | Page 13 of 19
NORMAL OPERATING CONDITIONS
Normal operating conditions for the AD8338 are defined as
follows:
The input pins, INPR and INMR, are voltage driven (the
source impedance is assumed to be zero).
The output pins, OUTP and OUTM, are open circuited
(the load impedance is assumed to be infinite).
Pin COMM is grounded.
Pin MODE is either tied to a logic high or left uncon-
nected, to set the noninverted gain slope gain mode.
INPR, INMR, INPD, and INMD Pins
The input signal to the AD8338 is accepted at the INPR/INMR
and the INPD/INMD differential input ports. These pins are
internally biased to approximately 1.5 V, the voltage at the
reference pin, VREF. The INPR and INMR pins are voltage
input pins (see Figure 41) where the differential input voltage
and the internal input resistors generate current, IIN, the input
current for the VGA core. While the voltage inputs can be
driven in either a single-sided or a differential manner,
operation using a differential drive is preferable and is assumed
in all specifications, unless otherwise stated. The pin-to-pin
input resistance between the voltage inputs is specified as
1000 Ω ± 20%. In most cases, the voltage input pins are ac-
coupled via two capacitors chosen to provide adequate low
frequency transmission. This results in the minimum input
noise that increases when a common-mode voltage other than
1.5 V is forced onto these input pins. The short-circuit (INPR
shorted to INMR) input-referred noise at maximum gain is
approximately 4.5 nV/√Hz.
INPR
INPD
INMD
INMR
500Ω
500Ω
IIN
VIN
0dB TO 80dB
OUTP
OUTM
+VOUT/2 + VREF
–VOUT/2 + VREF
1.5V
Figure 41. Input Voltage Applied to the INPR and INMR Pins
The INPD and INMD pins are current input pins (see Figure 42)
where the differential input current is directly applied to the VGA
core input. This input current can either be generated with an
external current source like an unbiased photodiode, or with a
voltage source and external coupling resistors (see Figure 43).
The latter method allows the gain range of the AD8338 to be
shifted as explained in the Explanation of the Gain Function
section. When using the INPD and INMD inputs, the INPR
and INMR pins must be shorted to one another to prevent
stability issues.
INPR
INPD
INMD
INMR
500Ω
500Ω
IIN
lD
0dB TO 80dB
OUTP
OUTM
+VOUT/2 + VREF
–VOUT/2 + VREF
1.5V
Figure 42. Input Current Applied to the INPD and INMD Pins
INPR
INPD
INMD
INMR
500Ω
500Ω
IIN
VIN
20dB TO 80dB
OUTP
OUTM
+VOUT/2 + VREF
–VOUT/2 + VREF
1.5V
50Ω
50Ω
Figure 43. Using External Resistors at the INPD and INMD Pins
FBKP, FBKM, OUTP, and OUTM Pins
Output voltage pins, OUTP and OUTM, have a default common-
mode voltage of 1.5 V, the voltage at the VREF reference pin.
This output common-mode voltage can be adjusted by injecting
common-mode currents into Pin FBKP and Pin FBKM, the
summing nodes of the output amplifiers, which are also biased
at 1.5 V. The output amplifiers of the AD8338 possess rail-to-
rail output stages, which allow the output common mode of the
VGA to be shifted from ground to the positive supply, though
the use of such extreme values leaves only a small range for the
differential output signal swing.
Adding feedback capacitors, CFBK, across nodes (OUTP, FBKP
and OUTM, FBKM) reduces the bandwidth of the output
amplifiers of the AD8338 and the signal path of the VGA. These
capacitors and the feedback resistors of the output amplifiers
form a low-pass filter with a cut-off frequency of approximately
FBK
FBK
C
C
R
f
×
×
π
=
2
1
(1)
where RFBK are the internal feedback resistors of the output
amplifiers; RFBK is specified as 9,500 Ω ± 20%.
Reducing the bandwidth of the AD8338 minimizes output noise
and simplifies the design of the antialiasing filter when using the
VGA to drive an ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com