Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AD8338
Data Sheet
Rev. B | Page 14 of 19
Linear-in-dB Gain Control, GAIN Pin
To facilitate the use of an 80 dB gain range, the AD8338 has a
linear-in-dB gain control. The gain is controlled by the voltage
at Pin GAIN with respect to the local ground, COMM. In normal
operating conditions, adjusting the voltage at Pin GAIN from
0.1 V to 1.1 V adjusts the gain from its lowest value of 0 dB to
its highest value of 80 dB. The basic gain equation is
( )
dB
8
mV
5
.
12
dB
=
GAIN
V
G
(2)
where VGAIN is in volts.
Alternatively, the gain equation can be expressed as a numerical
gain magnitude:
mV
250
10
398
.
0
GAIN
V
N
G
×
=
(3)
where VGAIN is in volts.
Inversion of the Gain Slope, MODE Pin
Pin MODE controls the polarity of the gain adjustment. That is,
Pin MODE allows the slope of the gain function to be inverted.
If Pin MODE is tied to VBAT, the gain of the AD8338 increases
exponentially (or linear-in-dB) with an increase in the voltage
at Pin GAIN. If Pin MODE is tied to COMM, the gain of the
AD8338 decreases exponentially (or linear-in-dB) with an
increase in the voltage at Pin GAIN. Figure 44 shows the two
gain control modes when the AD8338 is configured in normal
operating conditions.
80
0
10
20
30
40
50
60
70
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VGAIN (V)
LOW MODE
HIGH MODE
Figure 44. Two Gain Control Modes of the AD8338
Offset Correction Circuit, OFSN Pin
The AD8338 includes an internal offset correction circuit that
cancels out any dc offsets present in the VGA. Connecting a
capacitor, COFSN, between Pin OFSN and Pin VREF enables the
offset correction circuit.
The offset correction circuit uses an internal auto-zero feedback
loop, which introduces small signal, high-pass filter characteristics
to the signal path. The −3 dB corner frequency is
OFSN
OFSN
C
f
×
×
=
400
π
2
1
(4)
Although the AD8338 exhibits a high-pass filter characteristic
in its transfer function when the offset correction circuit is
enabled, do not rely on the device as a high-pass filter. This is
due to the narrow voltage range of dc input voltages that the
circuit can reject. If signals at frequencies below the band of
interest need to be rejected, for best performance, incorporate a
high-pass filter preceding the AD8338 by ac coupling the
inputs, as shown in Figure 41.
To provide a dc-coupled signal path, the offset correction
circuit can be disabled by connecting Pin OFSN to Pin COMM.
Exercise caution when operating the AD8338 with the offset
correction circuit disabled, because at large gains, dc offsets
cause large dc errors at the outputs of the VGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com