Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AD8338
Data Sheet
Rev. B | Page 18 of 19
APPLICATIONS INFORMATION
The excellent performance of the AD8338 results in a flat response
over various gains with rail-to-rail output signal swing, high drive
capability, and a very high dynamic range at a low 20 mW of
quiescent power at maximum gain. These features make the
AD8338 an exceptional choice for use in battery-operated
equipment, low frequency and baseband applications, and many
other applications.
SIMPLE ON-OFF KEYED (OOK) RECEIVER
For low complexity, low power data communications, a simple
link built using a modulating carrier tone in an on-off state
provides a fast and cost-effective solution to the designer. Such
designs are used in a variety of applications, including near-field
communications among noninterference mechanical systems,
low data rate sensors, RFID tags, and so on.
The schematic shown in Figure 49 demonstrates a complete
inductive telemetry on-off keyed (OOK) front end. The crystal
is cut for the target receive frequency of interest, creating a very
narrow-band filter, typically around the 6.78 MHz ISM band.
The AD8338 amplifies the signal (the gain is set by an external
controller) and drives a full-wave rectifier bridge. The output of
this bridge is then low-pass filtered into 100 Ω terminations.
This design provides excellent rejection of RF and excellent
baseband information recovery for the decision stage that
follows.
The reactive filter components (Capacitor C1 through
Capacitor C4, Inductor L1, and Inductor L2) set the baseband
recovery performance. A design trade-off exchanges baseband
response for RF attenuation.
Table 7 provides typical values for these components at two data
rates. Note that Capacitor C1 through Capacitor C4 are all of
equal value, and Inductor L2 has the same value as Inductor L1.
Table 7. Typical Values for Components in Reactive Filter
Data Rate
C1 to C4
L1 and L2
Carrier Attenuation
(f = 6.78 MHz)
19,200 bps
12 nF
240 µH
−101 dB
57,600 bps
3.9 nF
82 µH
−73 dB
VREF
MODE
VREF
OUTP
OUTM
CRYSTAL
U1
AD8338
C6
0.01µF
GAIN
3.0V
INPR
INMR
C5
0.1µF
D1
D2
D4
D3
C1
C3
C2
C4
L1
L2
R1
100Ω
R2
100Ω
OOK_P
OOK_M
Figure 49. Complete, Low Power OOK Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com