Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AD8338
Data Sheet
Rev. B | Page 16 of 19
EXPLANATION OF THE GAIN FUNCTION
The signal chain of the AD8338 can be broken down into three
stages. The first stage is a differential, voltage to current converter
comprised of the input resistors, RP and RN, of the VGA. These
input resistors can either be the internal 500 Ω resistors coupled
to Pin INPR and Pin INMR, or external resistors coupled to
Pin INPD and Pin INMD. The transresistance of the voltage to
current converter is RP + RN, such that the current flowing in
the resistors is given by
N
P
INMx
INPx
IN
R
R
V
V
I
+
−
=
(8)
The current in the input resistors, IIN, is fed to the second stage of
the AD8338, the VGA core. The VGA core is a fully differential
variable gain current amplifier with a gain range of 80 dB. In
the noninverting gain slope setting (Pin MODE connected to
Pin VBAT), the current gain of the VGA core spans from −26 dB
(VGAIN = 0.1 V) to +54 dB (VGAIN = 1.1 V). In numerical gain
magnitude, the gain of the VGA core is given by
mV
250
20
/
)
34
80
(
_
10
02
.
0
10
GAIN
GAIN
V
IN
V
IN
VGA
OUT
I
I
I
×
×
≈
×
=
−
(9)
The differential output current of the VGA core is fed to the
third stage of the AD8338, a fully differential, current to voltage
converter comprised of the output amplifiers and their
corresponding feedback resistors, RFBK (9.5 kΩ ). The overall
transimpedance of the current to voltage converter is 2RFBK,
such that the differential output voltage of the stage is given by
FBK
VGA
OUT
DIFF
OUT
R
I
V
×
×
=
2
,
_
(10)
Therefore, the overall voltage gain of the AD8338 is
( )
34
2
log
20
)
(
80
dB
−
+
×
×
+
×
=
N
P
FBK
GAIN
R
R
R
V
G
(11)
Alternatively, the gain equation can be expressed as a numerical
gain magnitude:
mV
250
10
2
02
.
0
GAIN
V
N
P
FBK
N
R
R
R
G
×
+
×
×
=
(12)
Equation 11 and Equation 12 show that the gain range of the
AD8338 can be shifted by using external input resistors, RP and
RN. For example, driving the INPD and INMD pins with an RP
and RN of 50 Ω shifts the gain range of the AD8338 up by 20 dB,
to yield a range of 20 dB to 100 dB (see Figure 43). Similarly,
driving the INPD and INMD pins with an RP and RN of 5 kΩ
shifts the gain range down by 20 dB, to yield a range of −20 dB
to +60 dB.
As shown in Figure 43, when using external resistors to drive
the INPD and INMD pins, short the INPR and INMR pins to
one another to prevent stability issues.
Effects of Using External Resistors
When the gain range is shifted through the use of external
resistors, several trade-offs must be considered. External
resistors connected to Pin INPD and Pin INMD load the
current inputs of the VGA core, changing the dynamic behavior
of the block and the −3 dB bandwidth of the AD8338. The
−3 dB bandwidth of the AD8338 with external resistors is
Ω
×
+
Ω
×
Ω
×
=
500
1
500
500
MHz
18
EXT
EXT
CL
R
R
f
(13)
For example, with 50 Ω external resistors, the input-referred
noise at maximum gain decreases to approximately 1 nV/√Hz,
and the gain range shifts up by 20 dB. However, the −3 dB
bandwidth is reduced from 18 MHz to approximately 1.8 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com