Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8338ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Low Power, 18 MHz Variable Gain Amplifier
Data Sheet
AD8338
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Voltage controlled gain range of 0 dB to 80 dB
3 mA supply current at gain of 40 dB
Low frequency (LF) to 18 MHz operation
Supply range: 3.0 V to 5.0 V
Low noise: 4.5 nV/√Hz at 80 dB gain
Fully differential signal path
Offset correction (offset null) feature
Internal 1.5 V reference
16-lead LFCSP
Automatic gain control feature
Wide gain range for high dynamic range signals
APPLICATIONS
Front end for inductive telemetry systems
Ultrasonic signal receivers
Signal compression for driving an ADC
AGC amplifiers
FUNCTIONAL BLOCK DIAGRAM
INPR
INPD
INMD
INMR
MODE
COMM
GAIN
FBKM
OUTP
OUTM
DETO
VAGC
FBKP
+
+
VREF
VGA CORE
0dB TO 80dB
OFFSET NULL
OUTPUT
STAGE
0dB
OFSN
VREF
VBAT
AUTOMATIC
GAIN
CONTROL
GAIN INTERFACE
AD8338
Figure 1.
GENERAL DESCRIPTION
The AD8338 is a variable gain amplifier (VGA) for applications
that require a fully differential signal path, low power, low noise,
and a well-defined gain over frequency. Although the inputs are
differential, the device can also be driven with a single-ended
source if required.
The basic gain function is linear-in-dB and is controlled by the
voltage applied to Pin GAIN. The nominal gain range spans
from 0 dB to 80 dB for control voltages between 0.1 V to 1.1 V
with a slope of 12.5 mV/dB. The nominal gain range can be
shifted up or down via direct access to Pin INPD and Pin INMD,
the current inputs of the VGA. For example, driving the INPD
and INMD pins with 50 Ω resistors shifts the gain range up by
20 dB, that is, 20 dB to 100 dB, and lowers the input referred
noise of the device to 1.5 nV/√Hz. Additionally, the gain slope
can be inverted via logic Pin MODE.
The AD8338 includes additional circuit blocks to enable input
offset correction and automatic gain control (AGC). DC offset
voltages are removed by the offset correction circuit, which
behaves like a high-pass filter whose corner is set with an external
capacitor. The AGC function varies the gain of the AD8338 to
maintain a constant rms output voltage. An externally applied
voltage to Pin VAGC with respect to the voltage at Pin VREF
sets the output rms amplitude. A capacitor from Pin DETO to
ground sets the response time of the AGC circuit.
100
–40
–20
0
20
40
60
80
10k
100M
10M
1M
100k
FREQUENCY (Hz)
VGAIN = 0.1V
VGAIN = 0.2V
VGAIN = 0.3V
VGAIN = 0.4V
VGAIN = 0.5V
VGAIN = 0.6V
VGAIN = 0.7V
VGAIN = 0.8V
VGAIN = 0.9V
VGAIN = 1.0V
VGAIN = 1.1V
Figure 2. Gain vs. Frequency
The AD8338 offers additional versatility by providing access to
the internal summing nodes of the VGA core and the output
amplifiers. With the addition of a few external passive components,
users can customize the gain, bandwidth, input impedance, and
noise profile of the device to fit their application.
The AD8338 uses a single-supply voltage of 3.0 V to 5.0 V and
is very power efficient, consuming as little as 3 mA quiescent
current at mid gain. The AD8338 is available in a 3 mm × 3 mm,
RoHS-compliant, 16-lead LFCSP and is specified over the
industrial temperature range of −40°C to +85°C.


Similar Part No. - AD8338ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8338ACPZ-R7 AD-AD8338ACPZ-R7 Datasheet
406Kb / 16P
Low Power, 18 MHz Variable Gain Amplifier
REV. 0
More results

Similar Description - AD8338ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5523 NSC-CLC5523 Datasheet
154Kb / 12P
Low-Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
AD8330 AD-AD8330 Datasheet
681Kb / 28P
Low Cost DC-150 MHz Variable Gain Amplifier
4/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_05 Datasheet
605Kb / 20P
Low Noise, 90 MHz Variable Gain Amplifier
3/05-Rev. F to Rev. G
AD603 AD-AD603_07 Datasheet
551Kb / 24P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD8338 AD-AD8338 Datasheet
406Kb / 16P
Low Power, 18 MHz Variable Gain Amplifier
REV. 0
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_15 Datasheet
994Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_17 Datasheet
815Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
4/12-Rev. J to Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com