Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SLDM-06D1AX Datasheet HTML 1Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 2Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
2
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
Key Features & Benefits (Continued)
Wide operating temperature range [-40°C to 105°C].
Compliant to IPC-9592 (September 2008), Category 2, Class II
ISO 9001 and ISO 14001 certified manufacturing facilities
Compliant to RoHS II EU “Directive 2011/65/EU”
Compliant to REACH Directive (EC) No 1907/2006
Compatible in a Pb-free or SnPb reflow environment
UL 60950-1Recognized, CSA C22.2 No. 60950-1-03 Certified
VDE 0805:2001-12 (EN60950-1) Licensed
Applications
Distributed power architectures
Intermediate bus voltage applications
Telecommunications equipment
Servers and storage applications
Networking equipment
Industrial equipmen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com