Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 24 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 24 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 20Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 21Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 22Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 24Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 25Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 26Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 27Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 28Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
24
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
40. PMBUS ADDRESSING
The power module can be addressed through the PMBus using a device address. The module has 64 possible addresses (0 to 63 in decimal)
which can be set using resistors connected from the ADDR0 and ADDR1 pins to SIG_GND. Note that some of these addresses (0, 1, 2, 3, 4, 5,
6, 7, 8, 9, 10, 11 12, 40, 44, 45, 55 in decimal) are reserved according to the SMBus specifications and may not be useable. The address is set in
the form of two octal (0 to 7) digits, with each pin setting one digit. The ADDR1 pin sets the high order digit and ADDR0 sets the low order digit.
The resistor values suggested for each digit are shown in Table 4 (1% tolerance resistors are recommended).
Note that if either address resistor value is outside the range specified in Table 4, the module will respond to address 127.
Table 4
Digit
Resistor Value (KΩ)
0
10
1
15.4
2
23.7
3
36.5
4
54.9
5
84.5
6
130
7
200
The user must know which I2C addresses are reserved in a system for special functions and set the address of the module to avoid interfering
with other system operations. Both 100kHz and 400kHz bus speeds are supported by the module. Connection for the PMBus interface should
follow the High Power DC specifications given in section 3.1.3 in the SMBus specification V2.0 for the 400kHz bus speed or the Low Power DC
specifications in section 3.1.2. The complete SMBus specification is available from the SMBus web site, smbus.org.
Figure 48
Circuit showing connection of resistors used to set the PMBus address of the module.
ADDR0
SIG_GND
RADDR0
RADDR1
ADDR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com